| Moteur de recherche de fiches techniques de composants électroniques |
|
AS1109-BSST Fiches technique(PDF) 12 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS1109-BSST Fiches technique(HTML) 12 Page - ams AG |
|
12 / 25 page ![]() www.ams.com/LED-Driver-ICs/AS1109 Revision 1.21 11 - 24 AS1109 Datasheet - Detailed Descr i p ti on 8.5 Error Detection Functions 8.5.1 Open-LED Detection The AS1109 open-LED detection is based on the comparison between VDS and VTHL. The open LED status is aquired at the rising edge of OEN and stored internally. While detecting open-LEDs the output port must be turned on. Open LED detection can be started with 1 clock pulse during error detection mode while the output port is turned on. Note: LEDs which are turned off at test time cannot be tested. 8.5.2 Shorted-LED The AS1109 shorted-LED detection is based on the comparison between VDS and VTHH. The shortened LED status is acquired at the rising edge of OEN and stored internally. While detecting shorted-LEDs the output port must be turned on. Shorted-LED detection can be started with 2 clock pulses during error detection mode while the output port is turned on. For valid results, the voltage at OUTN0:OUTN7 must be lower then VTHH under low-current diagnostic mode operating conditions. This can be achieved by reducing the VLED voltage or by adding additional diodes, resistors or LED’s. Note: LEDs which are turned off at test time cannot be tested. 8.5.3 Overtemperature Thermal protection for the AS1109 is provided by continuously monitoring the device’s core temperature. The overtemperature status is aquired at the rising edge of OEN and stored internally. Table 6. Open LED Detection Modes Output Port State Effective Output Point Conditions Detected Open-LED Error Status Code Meaning On VDS < VTHL 0 Open Circuit On VDS > VTHL 1 Normal Table 7. Shorted LED Detection Modes Output Port State Effective Output Point Conditions Detected Shorted-LED Error Status Code Meaning On VDS > VTHH 0 Short Circuit On VDS < VTHH 1 Normal Table 8. Overtemperature Modes Output Port State Effective Output Point Conditions Detected Overtemperature Status Code Meaning Don’t Care Temperature > TOV1 0 Overtemperature Condition Don’t Care Temperature < TOV1 1Normal |