| Moteur de recherche de fiches techniques de composants électroniques |
|
AS1109-BSST Fiches technique(PDF) 9 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS1109-BSST Fiches technique(HTML) 9 Page - ams AG |
|
9 / 25 page ![]() www.ams.com/LED-Driver-ICs/AS1109 Revision 1.21 8 - 24 AS1109 Datasheet - Detailed Descr i p ti on The 8-bit data register will latch the data of the shift register at each rising edge of LD. This data is then used to drive the current generator output drivers to switch on the corresponding LEDs as OEN goes low. 8.2 Timing Diagrams This section contains timing diagrams referenced in other sections of this data sheet. Figure 10. Normal Mode Timing Diagram Figure 11. Output Delay Timing Diagram OEN OUTNx LD SDO SDI CLK tSU(L) tH(L) tW(L) tW(CLK) tP1 tH(D) 50% 50% 50% 50% 50% 50% tSU(D) OEN Low = Output Enabled tP2 OUTNx High = Output Off OUTNx Low = Output On 50% 50% 50% tW(OE) 7XtSTAG tP3 OEN OUTN0 OUTN1 OUTN7 50% 50% 50% 50% tOF tOR tSTAG 90% 90% 10% 10% 7XtSTAG tSTAG tP3 50% 50% 50% 50% |