Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

64GA110 Fiches technique(PDF) 20 Page - Microchip Technology

No de pièce 64GA110
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA110 Fiches technique(HTML) 20 Page - Microchip Technology

Back Button 64GA110 Datasheet HTML 16Page - Microchip Technology 64GA110 Datasheet HTML 17Page - Microchip Technology 64GA110 Datasheet HTML 18Page - Microchip Technology 64GA110 Datasheet HTML 19Page - Microchip Technology 64GA110 Datasheet HTML 20Page - Microchip Technology 64GA110 Datasheet HTML 21Page - Microchip Technology 64GA110 Datasheet HTML 22Page - Microchip Technology 64GA110 Datasheet HTML 23Page - Microchip Technology 64GA110 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 330 page
background image
PIC24FJ256GA110 FAMILY
DS39905E-page 20
 2010 Microchip Technology Inc.
RD0
46
58
72
I/O
ST
PORTD Digital I/O.
RD1
49
61
76
I/O
ST
RD2
50
62
77
I/O
ST
RD3
51
63
78
I/O
ST
RD4
52
66
81
I/O
ST
RD5
53
67
82
I/O
ST
RD6
54
68
83
I/O
ST
RD7
55
69
84
I/O
ST
RD8
42
54
68
I/O
ST
RD9
43
55
69
I/O
ST
RD10
44
56
70
I/O
ST
RD11
45
57
71
I/O
ST
RD12
—
64
79
I/O
ST
RD13
—
65
80
I/O
ST
RD14
—
37
47
I/O
ST
RD15
—
38
48
I/O
ST
RE0
60
76
93
I/O
ST
PORTE Digital I/O.
RE1
61
77
94
I/O
ST
RE2
62
78
98
I/O
ST
RE3
63
79
99
I/O
ST
RE4
64
80
100
I/O
ST
RE5
113
I/O
ST
RE6
224
I/O
ST
RE7
335
I/O
ST
RE8
—
13
18
I/O
ST
RE9
—
14
19
I/O
ST
REFO
30
36
44
O
—
Reference Clock Output.
RF0
58
72
87
I/O
ST
PORTF Digital I/O.
RF1
59
73
88
I/O
ST
RF2
34
42
52
I/O
ST
RF3
33
41
51
I/O
ST
RF4
31
39
49
I/O
ST
RF5
32
40
50
I/O
ST
RF6
35
45
55
I/O
ST
RF7
—
44
54
I/O
ST
RF8
—
43
53
I/O
ST
RF12
—
—
40
I/O
ST
RF13
—
—
39
I/O
ST
TABLE 1-4:
PIC24FJ256GA110 FAMILY PINOUT DESCRIPTIONS (CONTINUED)
Function
Pin Number
I/O
Input
Buffer
Description
64-Pin
TQFP, QFN
80-Pin
TQFP
100-Pin
TQFP
Legend:
TTL = TTL input buffer
ST = Schmitt Trigger input buffer
ANA = Analog level input/output
I2C™ = I2C/SMBus input buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More