Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

64GA110 Fiches technique(PDF) 19 Page - Microchip Technology

No de pièce 64GA110
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA110 Fiches technique(HTML) 19 Page - Microchip Technology

Back Button 64GA110 Datasheet HTML 15Page - Microchip Technology 64GA110 Datasheet HTML 16Page - Microchip Technology 64GA110 Datasheet HTML 17Page - Microchip Technology 64GA110 Datasheet HTML 18Page - Microchip Technology 64GA110 Datasheet HTML 19Page - Microchip Technology 64GA110 Datasheet HTML 20Page - Microchip Technology 64GA110 Datasheet HTML 21Page - Microchip Technology 64GA110 Datasheet HTML 22Page - Microchip Technology 64GA110 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 330 page
background image
 2010 Microchip Technology Inc.
DS39905E-page 19
PIC24FJ256GA110 FAMILY
RA0
—
—
17
I/O
ST
PORTA Digital I/O.
RA1
—
—
38
I/O
ST
RA2
—
—
58
I/O
ST
RA3
—
—
59
I/O
ST
RA4
—
—
60
I/O
ST
RA5
—
—
61
I/O
ST
RA6
—
—
91
I/O
ST
RA7
—
—
92
I/O
ST
RA9
—
23
28
I/O
ST
RA10
—
24
29
I/O
ST
RA14
—
52
66
I/O
ST
RA15
—
53
67
I/O
ST
RB0
16
20
25
I/O
ST
PORTB Digital I/O.
RB1
15
19
24
I/O
ST
RB2
14
18
23
I/O
ST
RB3
13
17
22
I/O
ST
RB4
12
16
21
I/O
ST
RB5
11
15
20
I/O
ST
RB6
17
21
26
I/O
ST
RB7
18
22
27
I/O
ST
RB8
21
27
32
I/O
ST
RB9
22
28
33
I/O
ST
RB10
23
29
34
I/O
ST
RB11
24
30
35
I/O
ST
RB12
27
33
41
I/O
ST
RB13
28
34
42
I/O
ST
RB14
29
35
43
I/O
ST
RB15
30
36
44
I/O
ST
RC1
—
4
6
I/O
ST
PORTC Digital I/O.
RC2
—
—
7
I/O
ST
RC3
—
5
8
I/O
ST
RC4
—
—
9
I/O
ST
RC12
39
49
63
I/O
ST
RC13
47
59
73
I/O
ST
RC14
48
60
74
I/O
ST
RC15
40
50
64
I/O
ST
TABLE 1-4:
PIC24FJ256GA110 FAMILY PINOUT DESCRIPTIONS (CONTINUED)
Function
Pin Number
I/O
Input
Buffer
Description
64-Pin
TQFP, QFN
80-Pin
TQFP
100-Pin
TQFP
Legend:
TTL = TTL input buffer
ST = Schmitt Trigger input buffer
ANA = Analog level input/output
I2C™ = I2C/SMBus input buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More