Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

64GA110 Fiches technique(PDF) 6 Page - Microchip Technology

No de pièce 64GA110
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA110 Fiches technique(HTML) 6 Page - Microchip Technology

Back Button 64GA110 Datasheet HTML 2Page - Microchip Technology 64GA110 Datasheet HTML 3Page - Microchip Technology 64GA110 Datasheet HTML 4Page - Microchip Technology 64GA110 Datasheet HTML 5Page - Microchip Technology 64GA110 Datasheet HTML 6Page - Microchip Technology 64GA110 Datasheet HTML 7Page - Microchip Technology 64GA110 Datasheet HTML 8Page - Microchip Technology 64GA110 Datasheet HTML 9Page - Microchip Technology 64GA110 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 330 page
background image
PIC24FJ256GA110 FAMILY
DS39905E-page 6
 2010 Microchip Technology Inc.
Pin Diagram (100-Pin TQFP)
20
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
65
64
63
62
61
60
59
56
17
18
19
21
22
1
72
71
70
69
68
67
66
75
74
73
58
57
24
23
25
55
54
53
52
51
SOSCI/C3IND/CN1/RC13
RP11
/CN49/RD0
RP3
/CN55/PMCS2/RD10
RP4
/CN54/RD9
RTCC/RP2/CN53/RD8
RP12
/CN56/PMCS1/RD11
ASDA2/RPI35/CN44/RA15
ASCL2/RPI36/CN43/RA14
OSCO/CLKO/CN22/RC15
OSCI/CLKI/CN23/RC12
VDD
SCL1/CN83/RG2
ASCK1/RPI45/INT0/CN72/RF6
RPI44
/CN73/RF7
RP15
/CN74/RF8
SDA1/CN84/RG3
RP30
/CN70/RF2
RP16
/CN71/RF3
VSS
SOSCO/C3INC/
CN63/PMD5/RE5
SCL3/CN64/PMD6/RE6
SDA3/CN65/PMD7/RE7
RPI38
/CN45/RC1
RPI39
/CN46/RC2
RPI40
/CN47/RC3
RPI41
/CN48/RC4
C1IND/RP21/CN8/PMA5/RG6
VDD
TMS/CN33/RA0
RPI33
/CN66/RE8
RPI34
/CN67/RE9
PGEC3/AN5/C1INA/RP18/CN7/RB5
PGED3/AN4/C1INB/RP28/CN6/RB4
AN3/C2INA/CN5/RB3
AN2/C2INB/RP13/CN4/RB2
C1INC/RP26/CN9/PMA4/RG7
C2IND/RP19/CN10/PMA3/RG8
PGEC1/AN1/RP1/CN3/RB1
PGED1/AN0/RP0/CN2/RB0
CN82/RG15
VDD
C2INC/RP27/CN11/PMA2/RG9
MCLR
TDO/CN38/RA5
SDA2/CN36/RA3
SCL2/CN35/RA2
VSS
VSS
TDI/CN37/RA4
RPI37
/T1CK/CN0/RC14
Legend:
Shaded pins
indicate pins tolerant to up to +5.5 VDC.
RPn
represents remappable pins for Peripheral Pin Select (PPS) feature.
PIC24FJ128GA110
PIC24FJ192GA110
PIC24FJ256GA110
PIC24FJ64GA110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More