| Moteur de recherche de fiches techniques de composants électroniques |
|
STM8S103F2U6TR Fiches technique(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S103F2U6TR Fiches technique(HTML) 43 Page - STMicroelectronics |
|
43 / 113 page ![]() Description Option byte no. Note: Refer to the family reference manual (RM0016) section on Flash/EEPROM memory readout protection for details. UBC[7:0] User boot code area OPT1 0x00: no UBC, no write-protection 0x01: Page 0 defined as UBC, memory write-protected 0x02: Pages 0 to 1 defined as UBC, memory write-protected. Page 0 and 1 contain the interrupt vectors. ... 0x7F: Pages 0 to 126 defined as UBC, memory write-protected Other values: Pages 0 to 127 defined as UBC, memory write-protected Note: Refer to the family reference manual (RM0016) section on Flash write protection for more details. AFR[7:0] OPT2 Refer to following section for alternate function remapping decriptions of bits [7:2] and [1:0] respectively. HSITRIM:High speed internal clock trimming register size OPT3 0: 3-bit trimming supported in CLK_HSITRIMR register 1: 4-bit trimming supported in CLK_HSITRIMR register LSI_EN:Low speed internal clock enable 0: LSI clock is not available as CPU clock source 1: LSI clock is available as CPU clock source IWDG_HW: Independent watchdog 0: IWDG Independent watchdog activated by software 1: IWDG Independent watchdog activated by hardware WWDG_HW: Window watchdog activation 0: WWDG window watchdog activated by software 1: WWDG window watchdog activated by hardware WWDG_HALT: Window watchdog reset on halt 43/113 DocID15441 Rev 6 Option bytes STM8S103K3 STM8S103F3 STM8S103F2 |