Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8S103F2U6TR Fiches technique(PDF) 74 Page - STMicroelectronics

No de pièce STM8S103F2U6TR
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103F2U6TR Fiches technique(HTML) 74 Page - STMicroelectronics

Back Button STM8S103F2U6TR Datasheet HTML 70Page - STMicroelectronics STM8S103F2U6TR Datasheet HTML 71Page - STMicroelectronics STM8S103F2U6TR Datasheet HTML 72Page - STMicroelectronics STM8S103F2U6TR Datasheet HTML 73Page - STMicroelectronics STM8S103F2U6TR Datasheet HTML 74Page - STMicroelectronics STM8S103F2U6TR Datasheet HTML 75Page - STMicroelectronics STM8S103F2U6TR Datasheet HTML 76Page - STMicroelectronics STM8S103F2U6TR Datasheet HTML 77Page - STMicroelectronics STM8S103F2U6TR Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 113 page
background image
Figure 28: Typ. VOL @ VDD = 3.3 V (true open drain ports)
Figure 29: Typ. VOL @ VDD = 5 V (high sink ports)
DocID15441 Rev 6
74/113
STM8S103K3 STM8S103F3 STM8S103F2
Electrical characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More