Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM6652 Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce PM6652
Description  Single-phase controller for Intel MVP 6.5 render voltage regulator,
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6652 Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button PM6652 Datasheet HTML 14Page - STMicroelectronics PM6652 Datasheet HTML 15Page - STMicroelectronics PM6652 Datasheet HTML 16Page - STMicroelectronics PM6652 Datasheet HTML 17Page - STMicroelectronics PM6652 Datasheet HTML 18Page - STMicroelectronics PM6652 Datasheet HTML 19Page - STMicroelectronics PM6652 Datasheet HTML 20Page - STMicroelectronics PM6652 Datasheet HTML 21Page - STMicroelectronics PM6652 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 53 page
background image
Voltage identification (VID)
PM6652
18/53
Doc ID 16867 Rev 5
Table 7.
Voltage identification (VID) for INTEL VR11 operation mode
VID6 VID5 VID4 VID3 VID2 VID1 VID0
VCORE
VID6 VID5 VID4 VID3 VID2 VID1 VID0
VCORE
00
0000
0
1.5000
100
000
0
0.8125
00
0000
1
1.5000
100
000
1
0.8000
00
0001
0
1.5000
100
001
0
0.7875
00
0001
1
1.5000
100
001
1
0.7750
00
0010
0
1.5000
100
010
0
0.7625
00
0010
1
1.5000
100
010
1
0.7500
00
0011
0
1.5000
100
011
0
0.7375
00
0011
1
1.5000
100
011
1
0.7250
00
0100
0
1.5000
100
100
0
0.7125
00
0100
1
1.5000
100
100
1
0.7000
00
0101
0
1.4875
100
101
0
0.6875
00
0101
1
1.4750
100
101
1
0.6750
00
0110
0
1.4625
100
110
0
0.6625
00
0110
1
1.4500
100
110
1
0.6500
00
0111
0
1.4375
100
111
0
0.6375
00
0111
1
1.4250
100
111
1
0.6250
00
1000
0
1.4125
101
000
0
0.6125
00
1000
1
1.4000
101
000
1
0.6000
00
1001
0
1.3875
101
001
0
0.5875
00
1001
1
1.3750
101
001
1
0.5750
00
1010
0
1.3625
101
010
0
0.5625
00
1010
1
1.3500
101
010
1
0.5500
00
1011
0
1.3375
101
011
0
0.5375
00
1011
1
1.3250
101
011
1
0.5250
00
1100
0
1.3125
101
100
0
0.5125
00
1100
1
1.3000
101
100
1
0.5000
00
1101
0
1.2875
101
101
0
0.4875
00
1101
1
1.2750
101
101
1
0.4750
00
1110
0
1.2625
101
110
0
0.4625
00
1110
1
1.2500
101
110
1
0.4500
00
1111
0
1.2375
101
111
0
0.4375
00
1111
1
1.2250
101
111
1
0.4250
01
0000
0
1.2125
110
000
0
0.4125
01
0000
1
1.2000
110
000
1
0.4000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53