Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM6652 Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce PM6652
Description  Single-phase controller for Intel MVP 6.5 render voltage regulator,
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6652 Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button PM6652 Datasheet HTML 13Page - STMicroelectronics PM6652 Datasheet HTML 14Page - STMicroelectronics PM6652 Datasheet HTML 15Page - STMicroelectronics PM6652 Datasheet HTML 16Page - STMicroelectronics PM6652 Datasheet HTML 17Page - STMicroelectronics PM6652 Datasheet HTML 18Page - STMicroelectronics PM6652 Datasheet HTML 19Page - STMicroelectronics PM6652 Datasheet HTML 20Page - STMicroelectronics PM6652 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 53 page
background image
PM6652
Voltage identification (VID)
Doc ID 16867 Rev 5
17/53
01
0000
0
1.1000
110
000
0
0.3000
01
0000
1
1.0875
110
000
1
0.2875
01
0001
0
1.0750
110
001
0
0.2750
01
0001
1
1.0625
110
001
1
0.2625
01
0010
0
1.0500
110
010
0
0.2500
01
0010
1
1.0375
110
010
1
0.2375
01
0011
0
1.0250
110
011
0
0.2250
01
0011
1
1.0125
110
011
1
0.2125
01
0100
0
1.0000
110
100
0
0.2000
01
0100
1
0.9875
110
100
1
0.1875
01
0101
0
0.9750
110
101
0
0.1750
01
0101
1
0.9625
110
101
1
0.1625
01
0110
0
0.9500
110
110
0
0.1500
01
0110
1
0.9375
110
110
1
0.1375
01
0111
0
0.9250
110
111
0
0.1250
01
0111
1
0.9125
110
111
1
0.1125
01
1000
0
0.9000
111
000
0
0.1000
01
1000
1
0.8875
111
000
1
0.0875
01
1001
0
0.8750
111
001
0
0.0750
01
1001
1
0.8625
111
001
1
0.0625
01
1010
0
0.8500
111
010
0
0.0500
01
1010
1
0.8375
111
010
1
0.0375
01
1011
0
0.8250
111
011
0
0.0250
01
1011
1
0.8125
111
011
1
0.0125
01
1100
0
0.8000
111
100
0
0.0000
01
1100
1
0.7875
111
100
1
0.0000
01
1101
0
0.7750
111
101
0
0.0000
01
1101
1
0.7625
111
101
1
0.0000
01
1110
0
0.7500
111
110
0
0.0000
01
1110
1
0.7375
111
110
1
0.0000
01
1111
0
0.7250
111
111
0
0.0000
01
1111
1
0.7125
111
111
1
OFF
Table 6.
VID for INTEL MVP 6.5 GFX core and CPU operation mode (continued)
VID6 VID5 VID4 VID3 VID2 VID1 VID0
VCORE
VID6 VID5 VID4 VID3 VID2 VID1 VID0
VCORE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53