Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM6652 Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce PM6652
Description  Single-phase controller for Intel MVP 6.5 render voltage regulator,
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6652 Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button PM6652 Datasheet HTML 12Page - STMicroelectronics PM6652 Datasheet HTML 13Page - STMicroelectronics PM6652 Datasheet HTML 14Page - STMicroelectronics PM6652 Datasheet HTML 15Page - STMicroelectronics PM6652 Datasheet HTML 16Page - STMicroelectronics PM6652 Datasheet HTML 17Page - STMicroelectronics PM6652 Datasheet HTML 18Page - STMicroelectronics PM6652 Datasheet HTML 19Page - STMicroelectronics PM6652 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 53 page
background image
Voltage identification (VID)
PM6652
16/53
Doc ID 16867 Rev 5
5
Voltage identification (VID)
Table 6.
VID for INTEL MVP 6.5 GFX core and CPU operation mode
VID6 VID5 VID4 VID3 VID2 VID1 VID0
VCORE
VID6 VID5 VID4 VID3 VID2 VID1 VID0
VCORE
00
0000
0
1.5000
100
000
0
0.7000
00
0000
1
1.4875
100
000
1
0.6875
00
0001
0
1.4750
100
001
0
0.6750
00
0001
1
1.4625
100
001
1
0.6625
00
0010
0
1.4500
100
010
0
0.6500
00
0010
1
1.4375
100
010
1
0.6375
00
0011
0
1.4250
100
011
0
0.6250
00
0011
1
1.4125
100
011
1
0.6125
00
0100
0
1.4000
100
100
0
0.6000
00
0100
1
1.3875
100
100
1
0.5875
00
0101
0
1.3750
100
101
0
0.5750
00
0101
1
1.3625
100
101
1
0.5625
00
0110
0
1.3500
100
110
0
0.5500
00
0110
1
1.3375
100
110
1
0.5375
00
0111
0
1.3250
100
111
0
0.5250
00
0111
1
1.3125
100
111
1
0.5125
00
1000
0
1.3000
101
000
0
0.5000
00
1000
1
1.2875
101
000
1
0.4875
00
1001
0
1.2750
101
001
0
0.4750
00
1001
1
1.2625
101
001
1
0.4625
00
1010
0
1.2500
101
010
0
0.4500
00
1010
1
1.2375
101
010
1
0.4375
00
1011
0
1.2250
101
011
0
0.4250
00
1011
1
1.2125
101
011
1
0.4125
00
1100
0
1.2000
101
100
0
0.4000
00
1100
1
1.1875
101
100
1
0.3875
00
1101
0
1.1750
101
101
0
0.3750
00
1101
1
1.1625
101
101
1
0.3625
00
1110
0
1.1500
101
110
0
0.3500
00
1110
1
1.1375
101
110
1
0.3375
00
1111
0
1.1250
101
111
0
0.3250
00
1111
1
1.1125
101
111
1
0.3125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53