Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C989JC Fiches technique(PDF) 6 Page - Advanced Micro Devices

No de pièce AM79C989JC
Description  Quad Ethernet Switching Transceiver (QuEST??
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C989JC Fiches technique(HTML) 6 Page - Advanced Micro Devices

Back Button AM79C989JC Datasheet HTML 2Page - Advanced Micro Devices AM79C989JC Datasheet HTML 3Page - Advanced Micro Devices AM79C989JC Datasheet HTML 4Page - Advanced Micro Devices AM79C989JC Datasheet HTML 5Page - Advanced Micro Devices AM79C989JC Datasheet HTML 6Page - Advanced Micro Devices AM79C989JC Datasheet HTML 7Page - Advanced Micro Devices AM79C989JC Datasheet HTML 8Page - Advanced Micro Devices AM79C989JC Datasheet HTML 9Page - Advanced Micro Devices AM79C989JC Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
6
Am79C989
PRELIMINARY
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed
by a combination of the elements below.
Valid Combinations
Valid Combinations list configurations planned to be sup-
ported in volume for this device. Consult the local AMD sales
office to confirm availability of specific valid combinations and
to check on newly released combinations.
DEVICE NUMBER/DESCRIPTION
Am79C989
Quad Ethernet Switching Transceiver (QuEST)
TEMPERATURE RANGE
C = Commercial (0˚C to +70˚C)
ALTERNATE PACKAGING OPTION
\T = Tape and reel
PACKAGE TYPE
J = 44 PLCC
Am79C989
C
J
SPEED OPTION
Not Applicable
Valid Combinations
Am79C989
JC or JC\T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37