| Moteur de recherche de fiches techniques de composants électroniques |
|
AM79C989JC Fiches technique(PDF) 20 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C989JC Fiches technique(HTML) 20 Page - Advanced Micro Devices |
|
20 / 37 page ![]() 20 Am79C989 PRELIMINARY Auto-Negotiation Status Register (Reg 1) The Auto-Negotiation Status Register (Reg 1) contains Read/Only (R/O) bits or Clear on Read (COR) bits. This register is duplicated for each port. Table 8. Auto-Negotiation Status Register (Reg 1) 8 Duplex_Mode 1 = The port can be forced into full duplex operation when both the Duplex_Mode set and the ANEG_EN bit clear. If the ANEG_EN bit is set, this bit is ignored. When the Duplex_Mode is modified, the port status will not be modified unless the ANEG_EN bit is cleared. 0 = Port is forced to half-duplex mode when ANEG_EN bit is cleared. If ANEG_EN bit is set, this bit is ignored. R/W 0 7 Collision Test 1 = Collision indication will occur on the channel after the transmit enable bit (QTX_EN) is asserted. 0 = Port operation is normal. R/W 0 6:0 Reserved Written and read as zero. R/O 0 Bit(s) Name Description Read/ Write Default/ Reset 15:13 Reserved Written and read as zero. R/O 0 12 Full Duplex 1= Capable of operation in full duplex mode; 0 = Not able to perform full duplex mode. R/O 1 11 Half Duplex 1= Capable of operation in half duplex mode; 0 = Not able to perform half duplex mode. R/O 1 10:7 Reserved Written and read as zero. R/O 0 6 Preamble Suppress 1 = Management Interface operates with or without preamble suppression; 0 = Not applicable: Management Interface will operate with or without preamble suppression. R/O 1 5 Auto-Negotiation Complete 1 = Auto-Negotiation is complete; 0 = Auto-Negotiation is not complete. R/O 0 4 Remote Fault 1 = Remote fault detected from link partner; 0 = No remote fault detected. R/O, COR 0 3 Auto-Negotiation Ability 1 = Capable of Auto-Negotiation; 0 = Not available R/O 1 2 Link Status 1 = Link is up; 0 = Link is down. R/O 0 1 Jabber Detect 1 = Jabber Condition detected; 0 = Jabber Condition not detected. R/O 0 0 Extended Register Capability 1 = Extended Register Capability; 0 = Not applicable. R/O 1 |