Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C973VCW Fiches technique(PDF) 303 Page - Advanced Micro Devices

No de pièce AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Fiches technique(HTML) 303 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 296Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 297Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 298Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 299Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 300Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 301Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 302Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 303Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 304Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 303 / 304 page
background image
Am79C973/Am79C975
303
P R E L I M INARY
Slave Configuration Read . . . . . . . . . . . . . .41
Slave Configuration Transfers . . . . . . . . . . .40
Slave Configuration Write . . . . . . . . . . . . . .41
Slave Cycle Data Parity Error Response . . .46
Slave Cycle Termination . . . . . . . . . . . . . . .44
Slave I/O Transfers . . . . . . . . . . . . . . . . . . .40
Slave Read Using I/O Command . . . . . . . . .42
Slave Write Using Memory Command . . . .42
SMIU Command Register
(MReg Address 31) . . . . . . . . . . . . . . . . .260
SMIU Interrupt Register
(MReg Address 32) . . . . . . . . . . . . . . . . .260
SMIU Receive Address Register
(MReg Address 39) . . . . . . . . . . . . . . . . .262
SMIU Receive Data Port
(MReg Address 40) . . . . . . . . . . . . . . . . .262
SMIU Receive Message Length Register
(MReg Address 41) . . . . . . . . . . . . . . . . .262
SMIU Receive Status Register
(MReg Address 42) . . . . . . . . . . . . . . . . .262
SMIU Transmit Address Register
(MReg Address 35) . . . . . . . . . . . . . . . . .261
SMIU Transmit Data Port
(MReg Address 36) . . . . . . . . . . . . . . . . .261
SMIU Transmit Message Length Register
(MReg Address 37) . . . . . . . . . . . . . . . . .261
SMIU Transmit Status Register
(MReg Address 38) . . . . . . . . . . . . . . . . .261
Soft Reset Function . . . . . . . . . . . . . . . . . . .88
Software . . . . . . . . . . . . . . . . . . . . . . . . . . .179
Software Access . . . . . . . . . . . . . . . . . . . . .108
Software Interface . . . . . . . . . . . . . . . . . . . .39
Software Interrupt Timer . . . . . . . . . . . . . . .69
Some Examples of LAPP Descriptor
Interaction . . . . . . . . . . . . . . . . . . . . . . . .289
SQE Test Error . . . . . . . . . . . . . . . . . . . . . . .75
SR2
Initialization Block Address 1 . . . . . . .126
SRAM Configuration . . . . . . . . . . . . . . . . . .96
Standard Products . . . . . . . . . . . . . . . . . . . .28
Start Frame-Byte Delimiter . . . . . . . . . . . . .36
Status Register (Register 1) . . . . . . . . . . . .275
STOP . . . . . . . . . . . . . . . . . . . . . . . . . .31, 107
Stop . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .31
Supported Instructions . . . . . . . . . . . . . . . .106
Suspend . . . . . . . . . . . . . . . . . . . . . . . . . . . .64
SWITCHING CHARACTERISTICS . . . .266
Switching Characteristics
Bus Interface . . . . . . . . . . . . . . . . . . . .227
External Address Detection Interface .229
Media Independent Interface . . . . . . . .278
Switching Test Circuits . . . . . . . . . . . . . . .235
SWITCHING WAVEFORMS . . . . . . . . .228
SWICHING WAVEFORMS
Receive Frame Tag . . . . . . . . . . . . . . .282
Switching Waveforms . . . . . . . . . . . . . . . .267
Expansion Bus Interface . . . . . . . . . . .240
External Address Detection
Interface . . . . . . . . . . . . . . . . . . . . .281
General-Purpose Serial Interface . . . . .242
Media Independent Interface . . . .242, 279
System Bus Interface . . . . . . . . . . . . . .236
Symbol Interface (PDT/PDR mode) . . . . .192
System Bus Interface . . . . . . . . . . . . . . . . . .39
System Error . . . . . . . . . . . . . . . . . . . . . . . .31
T
TAP Finite State Machine . . . . . . . . . . . . .106
Target Abort . . . . . . . . . . . . . . . . . . . . . .51, 53
Target Initiated Termination . . . . . . . . . . . .50
Target Ready . . . . . . . . . . . . . . . . . . . . . . . .31
TCK . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .36
TDI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .36
TDO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .36
Technology Ability Field Bit
Assignments . . . . . . . . . . . . . . . . . . . . . .276
Test Clock . . . . . . . . . . . . . . . . . . . . . . . . . .36
Test Data In . . . . . . . . . . . . . . . . . . . . . . . . .36
Test Data Out . . . . . . . . . . . . . . . . . . . . . . . .36
Test Mode Select . . . . . . . . . . . . . . . . . . . . .36
Test Registers . . . . . . . . . . . . . . . . . . . . . . .113
TMD0 . . . . . . . . . . . . . . . . . . . . . . . . . . . .209
TMD2 . . . . . . . . . . . . . . . . . . . . . . . . . . . .211
TMD3 . . . . . . . . . . . . . . . . . . . . . . . . . . . .212
TMS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .36
Transferring Data . . . . . . . . . . . . . . . . . . . .246
Transmit and Receive Message Data
Encapsulation . . . . . . . . . . . . . . . . . . . . . .70
Transmit Clock . . . . . . . . . . . . . . . . . . . . . .34
Transmit Data . . . . . . . . . . . . . . . . . . . . . . .34
Transmit Descriptor Table Entry . . . . . . . . .67
Transmit Descriptors . . . . . . . . . . . . . . . . .209
Transmit Enable . . . . . . . . . . . . . . . . . . . . . .34
Transmit Error . . . . . . . . . . . . . . . . . . . . . . .34
Transmit Exception Conditions . . . . . . . . . .74
Transmit FCS Generation . . . . . . . . . . . . . .74
Transmit Function Programming . . . . . . . . .73
Transmit Operation . . . . . . . . . . . . . . . . . . .73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More