| Moteur de recherche de fiches techniques de composants électroniques |
|
AM79C973VCW Fiches technique(PDF) 27 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C973VCW Fiches technique(HTML) 27 Page - Advanced Micro Devices |
|
27 / 304 page ![]() Am79C973/Am79C975 27 P R E L I M INARY PIN DESIGNATIONS Listed By Driver Type The following table describes the various types of out- put drivers used in the Am79C973/Am79C975 control- ler. All IOL and IOH values shown in the table apply to 3.3 V signaling. A sustained tri-state signal is a low active signal that is driven high for one clock period before it is left floating. TX is a differential output driver. Its characteristics and those of XTAL2 output are described in the DC Charac- teristics section. Name Type IOL (mA) IOH (mA) Load (pF) LED LED 12 -0.4 50 OMII1 Totem Pole 4 -4 50 OMII2 Totem Pole 4 -4 390 O6 Totem Pole 6 -0.4 50 OD6 Open Drain 6 NA 50 STS6 Sustained Tri-State 6 -2 50 TS3 Tri-State 3 -2 50 TS6 Tri-State 6 -2 50 TSMII Tri-State 4 -4 470 |