Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C973VCW Fiches technique(PDF) 22 Page - Advanced Micro Devices

No de pièce AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Fiches technique(HTML) 22 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 18Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 19Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 20Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 21Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 22Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 23Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 24Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 25Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 26Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 304 page
background image
22
Am79C973/Am79C975
P R E L I M INARY
PIN DESIGNATIONS (PQR160) (Am79C973/Am79C975)
Listed By Pin Number
Note: For the Am79C973 controller, pins 96, 98, and 100 are no connects (NC).
Pin
No.
Pin
Name
Pin
No.
Pin
Name
Pin
No.
Pin
Name
Pin No.
Pin
Name
1
IDSEL
41
AD8
81
EBDA14/CRS
121
EEDI/LED0
2
AD23
42
C/BE0
82
EBDA15/COL
122
VSSB
3
VSSB
43
VSSB
83
EBD7/TX_CLK
123
XCLK/XTAL
4
AD22
44
AD7
84
VSSB
124
VDDB
5
VDD_PCI
45
VDD_PCI
85
EBD6/RX_ER
125
LED2/MIIRXFRTGE
6
AD21
46
AD6
86
EBD5/RX_CLK
126
EESK/LED1/SFDB
7
AD20
47
AD5
87
EBD4/RX_DV
127
VSSB
8
VDD
48
VDD
88
VDDB
128
EECS
9
AD19
49
AD4
89
EBD3/RXD3
129
EAR
10
AD18
50
AD3
90
VSS
130
VSS
11
VSSB
51
VSSB
91
EBD2/RXD2
131
PME
12
AD17
52
AD2
92
EBD1/RXD1
132
WUMI
13
VDD_PCI
53
VDD_PCI
93
EBD0/RXD0
133
RWU
14
AD16
54
AD1
94
VAUXDET
134
TCK
15
C/BE2
55
AD0
95
VSSB
135
TMS
16
VSS
56
VSS
96
MIRQ (see Note)
136
VDDB
17
FRAME
57
EROMCS
97
VDD
137
TDO
18
IRDY
58
EBWE
98
MDATA (see Note)
138
VSSB
19
VSSB
59
AS_EBOE
99
VSSB
139
TDI
20
TRDY
60
EBCLK
100
MCLOCK (see Note)
140
VDD
21
VDD_PCI
61
EBUA_EBA0
101
VDDB
141
PG
22
DEVSEL
62
VSSB
102
XTAL2
142
INTA
23
STOP
63
EBUA_EBA1
103
XTAL1
143
RST
24
VDD
64
VDD
104
DVDDCO
144
CLK
25
PERR
65
VDDB
105
DVDDA
145
GNT
26
SERR
66
EBUA_EBA2
106
DVSSD
146
REQ
27
VSSB
67
EBUA_EBA3
107
IREF
147
VDD_PCI
28
PAR
68
EBUA_EBA4
108
DVDDD
148
AD31
29
VDD_PCI
69
EBUA_EBA5/MDC
109
TX+
149
VSSB
30
C/BE1
70
EBUA_EBA6/
PHY_RST
110
DVDDTX
150
VSS
31
AD15
71
EBUA_EBA7/TX_ER
111
TX-
151
AD30
32
VSS
72
VSS
112
SDI+
152
AD29
33
AD14
73
EBDA8/TXD0
113
DVSSX
153
AD28
34
AD13
74
VSSB
114
SDI-
154
AD27
35
VSSB
75
EBDA9/TXD1
115
RX+
155
VDD_PCI
36
AD12
76
EBDA10/TXD2
116
DVDDRX
156
AD26
37
AD11
77
VDDB
117
RX-
157
VSSB
38
VDD_PCI
78
EBDA11/TXD3
118
DVDDP
158
AD25
39
AD10
79
EBDA12/TX_EN
119
DVSSP
159
AD24
40
AD9
80
EBDA13/MDIO
120
EEDO/LED3/
MIIRXFRTGD
160
C/BE3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More