Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C973VCW Fiches technique(PDF) 26 Page - Advanced Micro Devices

No de pièce AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Fiches technique(HTML) 26 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 22Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 23Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 24Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 25Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 26Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 27Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 28Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 29Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 30Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 304 page
background image
26
Am79C973/Am79C975
P R E L I M INARY
PIN DESIGNATIONS
Listed by Group (Concluded)
Notes:
1. Not including test features.
2. PHY power and ground pins require careful decoupling to ensure proper device performance.
Pin Name
Pin Function
Type1
Driver
No. of Pins
Power Supplies (MAC, PCI, Buffer, ROM)
VDD
Digital Power
P
NA
6
VSS
Digital Ground
P
NA
7
VDDB
I/O Buffer Power
P
NA
6
VSSB
I/O Buffer Ground
P
NA
17
VDD_PCI
PCI I/O Buffer Power
P
NA
9
Power Supplies (PHY)2
DVDDA
Analog PLL Power
P
NA
1
DVDDD, DVDDP
Physical Data Transceiver (PDX) Power, IREF
P
NA
2
DVSSD, DVSSP
Physical Data Transceiver (PDX) Ground
P
NA
2
DVDDTX, DVDDRX
PHY I/O Buffer Power
P
NA
2
DVSSX
PHY Ground
P
NA
1
DVDDCO
Crystal Oscillator Power
P
NA
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More