Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C973VCW Fiches technique(PDF) 243 Page - Advanced Micro Devices

No de pièce AM79C973VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973VCW Fiches technique(HTML) 243 Page - Advanced Micro Devices

Back Button AM79C973VCW Datasheet HTML 239Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 240Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 241Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 242Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 243Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 244Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 245Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 246Page - Advanced Micro Devices AM79C973VCW Datasheet HTML 247Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 304 page
background image
Am79C973/Am79C975
243
P R E L I M INARY
PQL176
Thin Quad Flat Pack (measured in millimeters)
25.80
26.20
23.80
24.20
25.80
26.20
23.80
24.20
1
176
1.00 REF.
1.60 MAX
11
° – 13°
11
° – 13°
0.50 BSC
1.35
1.45
16-038-PQT-1_AL
PQL176
5.12.97 lv
44
Trademarks
Copyright
 1999 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
Auto-Poll, C-LANCE, IMR100, LANCE, Mace, Magic Packet, PCnet, PCnet-ISA, PCnet-ISA+, PCnet-ISA-II, PCnet-32, PCnet-PCI,
PCnet-PCI II, and PCnet-FAST are trademarks of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.
21510E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More