| Moteur de recherche de fiches techniques de composants électroniques |
|
APT15GT120BRG Fiches technique(PDF) 41 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
APT15GT120BRG Fiches technique(HTML) 41 Page - Microsemi Corporation |
|
41 / 44 page ![]() 41 SP6 - 3 outputs SP4 SP6 - 4 outputs SP6 3-Level SP6-P SD1 SP3F SF1 Power Module Outlines Pin out location depends on the module configuration. Please refer to the product datasheet for pins assignment. All dimensions in millimeters. 0 7,50 13,50 7,50 13,50 93 Ø6,40 (4x) Ø12 (4x) 14 28 28 48 M 5 ( 3x) 7,8 MAX 2,80 x 0,5 108 0 7,50 13,50 17 5,10 7,50 13,50 18,20 12 93 Ø 6,40 (4x) Ø12 (4x) 27 27 48 48 M 5 (4x) 108 7,8 MAX 2,80 x 0,5 0 7,50 13,50 7,50 13,50 14 93 Ø6,40 (4x) Ø12 (4x) 27 28 48 48 M 5 (4x) 108 7,8 MAX 2,80 x 0,5 |