| Moteur de recherche de fiches techniques de composants électroniques |
|
APT15GT120BRG Fiches technique(PDF) 23 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
APT15GT120BRG Fiches technique(HTML) 23 Page - Microsemi Corporation |
|
23 / 44 page ![]() 23 All Power Modules RoHS Compliant SP6 SP1 SP4 SOT-227 D3 D3 SP3 IGBT Power Modules D1 V CES (V) IGBT Type I C (A) T C=80º C V CE (on)(V) at rated Ic Package NTC …DA... or ...U2 ...SK... or ...U3 …A... 1200 TRENCH 3 75 1.7 SP2 - N/A N/A APTGT75A1202G 75 1.7 SP4 YES APTGT75DA120TG APTGT75SK120TG N/A 100 1.7 SP1 YES APTGT100DA120T1G N/A N/A 100 1.7 SOT227 - APT100GT120JU2 APT100GT120JU3 N/A 100 1.7 D1 - N/A N/A APTGT100A120D1G 100 1.7 SP2 - N/A N/A APTGT100A1202G 100 1.7 SP3 YES N/A N/A APTGT100A120T3AG 100 1.7 SP4 YES N/A N/A APTGT100A120TG 150 1.7 SP6 option APTGT150DA120G APTGT150SK120G APTGT150A120G 150 1.7 D1 - APTGT150DA120D1G APTGT150SK120D1G APTGT150A120D1G 150 1.7 SP2 - N/A N/A APTGT150A1202G 150 1.7 SP3 YES N/A N/A APTGT150A120T3AG 150 1.7 SP4 YES N/A N/A APTGT150A120TG 200 1.7 SP6 option APTGT200DA120G APTGT200SK120G APTGT200A120G 200 1.7 D3 option APTGT200DA120D3G APTGT200SK120D3G APTGT200A120D3G 300 1.7 SP6 option APTGT300DA120G APTGT300SK120G APTGT300A120G 300 1.7 D3 option APTGT300DA120D3G APTGT300SK120D3G APTGT300A120D3G 400 1.7 SP6 option APTGT400DA120G APTGT400SK120G APTGT400A120G 400 1.7 D3 option N/A N/A APTGT400A120D3G TRENCH 4 40 1.85 SOT227 - APT40GL120JU2 APT40GL120JU3 N/A 90 1.85 SP1 YES APTGL90DA120T1G APTGL90SK120T1G APTGL90A120T1G 180 1.85 SP2 - N/A N/A APTGL180A1202G 180 1.85 SP3 YES N/A N/A APTGL180A120T3AG 325 1.85 D3 option APTGL325DA120D3G APTGL325SK120D3G APTGL325A120D3G 475 1.85 D3 option APTGL475DA120D3G APTGL475SK120D3G APTGL475A120D3G 700 1.85 D3 option APTGL700DA120D3G APTGL700SK120D3G N/A TRENCH 4 FAST 100 2.05 SP3 YES N/A N/A APTGLQ100A120T3AG 400 2.05 SP6 YES N/A N/A APTGLQ400A120T6G 1700 TRENCH 3 30 2.0 SP1 YES APTGT30DA170T1G APTGT30SK170T1G APTGT30A170T1G 50 2.0 SP1 YES APTGT50DA170T1G APTGT50SK170T1G APTGT50A170T1G 50 2.0 SP4 YES APTGT50DA170TG APTGT50SK170TG APTGT50A170TG 75 2.0 SP1 YES APTGT75DA170T1G N/A N/A 75 2.0 D1 - APTGT75DA170D1G APTGT75SK170D1G APTGT75A170D1G 100 2.0 SP4 YES APTGT100DA170TG APTGT100SK170TG APTGT100A170TG 150 2.0 SP6 option APTGT150DA170G APTGT150SK170G APTGT150A170G 200 2.0 D3 option APTGT200DA170D3G APTGT200SK170D3G APTGT200A170D3G 225 2.0 SP6 option APTGT225DA170G APTGT225SK170G APTGT225A170G 300 2.0 SP6 option APTGT300DA170G APTGT300SK170G APTGT300A170G 300 2.0 D3 option APTGT300DA170D3G APTGT300SK170D3G APTGT300A170D3G CHOPPER AND PHASE LEG CONT. NEW! NEW! V CES (V) IGBT Type I C (A) T C=80º C V CE (on)(V) at rated Ic Package NTC Part Number 600 NPT FAST 30 2.1 SP3 YES APTGF30X60T3G 50 2.1 SP3 YES APTGF50X60T3G TRENCH 3 30 1.5 SP3 YES APTGT30X60T3G 50 1.5 SP3 YES APTGT50X60T3G 75 1.5 SP3 YES APTGT75X60T3G 1200 NPT FAST 15 3.2 SP3 YES APTGF15X120T3G 25 3.2 SP3 YES APTGF25X120T3G TRENCH 3 25 1.7 SP3 YES APTGT25X120T3G 35 1.7 SP3 YES APTGT35X120T3G TRENCH 4 40 1.85 SP3 YES APTGL40X120T3G 3 PHASE BRIDGE SP6 SP4 |