| Moteur de recherche de fiches techniques de composants électroniques |
|
APT15GT120BRG Fiches technique(PDF) 22 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
APT15GT120BRG Fiches technique(HTML) 22 Page - Microsemi Corporation |
|
22 / 44 page ![]() 22 All Power Modules RoHS Compliant IGBT Power Modules SP2 continued next page SP6 SP1 SP4 SOT-227 D3 D3 SP3 D1 V CES (V) IGBT Type I C (A) T C=80º C V CE (on)(V) at rated Ic Package NTC …DA... or ...U2 ...SK... or ...U3 …A... 600 NPT 250 2.1 D3 option APTGF250DA60D3G APTGF250SK60D3G APTGF250A60D3G 330 2.1 D3 option APTGF330DA60D3G APTGF330SK60D3G APTGF330A60D3G NPT FAST 30 2.1 SOT227 - APT30GF60JU2 APT30GF60JU3 N/A 30 2.1 SP1 YES N/A N/A APTGF30A60T1G 50 2.1 SOT227 - APT50GF60JU2 APT50GF60JU3 N/A 60 2.1 SOT227 - APT60GF60JU2 APT60GF60JU3 N/A 90 2.1 SP1 YES APTGF90DA60T1G APTGF90SK60T1G APTGF90A60T1G 100 2.1 SOT227 - APT100GF60JU2 APT100GF60JU3 N/A 150 2.1 SP3 YES N/A N/A APTGF150A60T3AG 165 2.1 D1 - APTGF165DA60D1G APTGF165SK60D1G APTGF165A60D1G 180 2.1 SP4 YES APTGF180DA60TG APTGF180SK60TG APTGF180A60TG 350 2.1 SP6 option APTGF350DA60G APTGF350SK60G APTGF350A60G TRENCH3 75 1.5 SP1 YES APTGT75DA60T1G APTGT75SK60T1G APTGT75A60T1G 100 1.5 SP1 YES APTGT100DA60T1G APTGT100SK60T1G APTGT100A60T1G 100 1.5 SP2 - N/A N/A APTGT100A602G 150 1.5 SP1 YES APTGT150DA60T1G APTGT150SK60T1G APTGT150A60T1G 150 1.5 SP3 YES N/A N/A APTGT150A60T3AG 200 1.5 SP2 - N/A N/A APTGT200A602G 200 1.5 SP3 YES APTGT200DA60T3AG APTGT200SK60T3AG APTGT200A60T3AG 300 1.5 SP4 YES N/A N/A APTGT300A60TG 300 1.5 SP6 option APTGT300DA60G APTGT300SK60G APTGT300A60G 300 1.5 D3 option APTGT300DA60D3G APTGT300SK60D3G APTGT300A60D3G 400 1.5 D3 option APTGT400DA60D3G APTGT400SK60D3G APTGT400A60D3G 450 1.5 SP6 option APTGT450DA60G APTGT450SK60G APTGT450A60G 600 1.5 SP6 option APTGT600DA60G APTGT600SK60G APTGT600A60G 650 TRENCH 4 FAST 100 1.85 SP1 YES N/A N/A APTGLQ100A65T1G 600 1.85 SP6 YES N/A N/A APTGLQ600A65T6G 1200 NPT FAST 15 3.2 SP1 YES N/A N/A APTGF15A120T1G 50 3.2 SP1 YES APTGF50DA120T1G APTGF50SK120T1G APTGF50A120T1G 75 3.2 SP1 YES APTGF75DA120T1G N/A N/A 100 3.2 SP1 YES APTGF100DA120T1G N/A N/A 100 3.2 SP2 - N/A N/A APTGF100A1202G 100 3.2 SP3 YES N/A N/A APTGF100A120T3AG 100 3.2 SP4 YES APTGF100DA120TG APTGF100SK120TG APTGF100A120TG 150 3.2 SP3 YES N/A N/A APTGF150A120T3AG 150 3.2 SP4 YES APTGF150DA120TG APTGF150SK120TG APTGF150A120TG 200 3.2 D3 option N/A N/A APTGF200A120D3G 300 3.2 SP6 option APTGF300DA120G APTGF300SK120G APTGF300A120G 300 3.2 D3 option APTGF300DA120D3G APTGF300SK120D3G APTGF300A120D3G TRENCH 3 35 1.7 SP1 YES N/A N/A APTGT35A120T1G 35 1.7 SOT227 - APT35GT120JU2 APT35GT120JU3 N/A 50 1.7 SOT227 - APT50GT120JU2 APT50GT120JU3 N/A 50 1.7 SP1 YES N/A N/A APTGT50A120T1G 50 1.7 SP2 - N/A N/A APTGT50A1202G 50 1.7 SP4 YES APTGT50DA120TG APTGT50SK120TG N/A 75 1.7 SOT227 - APT75GT120JU2 APT75GT120JU3 N/A 75 1.7 SP1 YES N/A N/A APTGT75A120T1G CHOPPER AND PHASE LEG NEW! NEW! SP4 SP6 |