Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8576DT/2 Fiches technique(PDF) 56 Page - NXP Semiconductors

No de pièce PCF8576DT/2
Description  Universal LCD driver for low multiplex rates
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576DT/2 Fiches technique(HTML) 56 Page - NXP Semiconductors

Back Button PCF8576DT/2 Datasheet HTML 49Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 50Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 51Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 52Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 53Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 54Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 55Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 56Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 57Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 56 / 57 page
background image
PCF8576D
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 14 — 10 June 2013
56 of 57
NXP Semiconductors
PCF8576D
Universal LCD driver for low multiplex rates
26. Figures
Fig 1.
Block diagram of PCF8576D . . . . . . . . . . . . . . . . .3
Fig 2.
Pinning diagram for PCF8576DT (TSSOP56) . . . .4
Fig 3.
Pinning diagram for PCF8576DU (bare die) . . . . .5
Fig 4.
Example of displays suitable for PCF8576D . . . . .7
Fig 5.
Typical system configuration . . . . . . . . . . . . . . . . .8
Fig 6.
Electro-optical characteristic: relative
transmission curve of the liquid . . . . . . . . . . . . . . 11
Fig 7.
Static drive mode waveforms . . . . . . . . . . . . . . . .12
Fig 8.
Waveforms for the 1:2 multiplex drive mode
with 1⁄2 bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . .13
Fig 9.
Waveforms for the 1:2 multiplex drive mode
with 1⁄3 bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . .14
Fig 10. Waveforms for the 1:3 multiplex drive mode
with 1⁄3 bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . .15
Fig 11. Waveforms for the 1:4 multiplex drive mode
with 1⁄3 bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . .16
Fig 12. Display RAM bit map . . . . . . . . . . . . . . . . . . . . . .18
Fig 13. Relationship between LCD layout, drive mode,
display RAM filling order and display data
transmitted over the I2C-bus . . . . . . . . . . . . . . . .20
Fig 14. Bit transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .27
Fig 15. Definition of START and STOP conditions. . . . . .27
Fig 16. System configuration . . . . . . . . . . . . . . . . . . . . . .28
Fig 17. Acknowledgement of the I2C-bus . . . . . . . . . . . .28
Fig 18. I2C-bus protocol . . . . . . . . . . . . . . . . . . . . . . . . . .30
Fig 19. Format of command byte . . . . . . . . . . . . . . . . . . .30
Fig 20. Device protection circuits . . . . . . . . . . . . . . . . . . .31
Fig 21. Driver timing waveforms . . . . . . . . . . . . . . . . . . .35
Fig 22. I2C-bus timing waveforms . . . . . . . . . . . . . . . . . .35
Fig 23. Cascaded PCF8576D configuration . . . . . . . . . .37
Fig 24. Synchronization of the cascade for the various
PCF8576D drive modes . . . . . . . . . . . . . . . . . . .38
Fig 25. Package outline SOT364-1 (TSSOP56) . . . . . . .39
Fig 26. Bare die outline PCF8576DU/DA (for dimensions
see Table 23) . . . . . . . . . . . . . . . . . . . . . . . . . . . .40
Fig 27. Bare die outline PCF8576DU/2DA (for dimensions
see Table 24) . . . . . . . . . . . . . . . . . . . . . . . . . . . .41
Fig 28. Tray details . . . . . . . . . . . . . . . . . . . . . . . . . . . . .45
Fig 29. Tray alignment . . . . . . . . . . . . . . . . . . . . . . . . . . .46
Fig 30. Tape details . . . . . . . . . . . . . . . . . . . . . . . . . . . . .46
Fig 31. Temperature profiles for large and small
components . . . . . . . . . . . . . . . . . . . . . . . . . . . . .50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57