| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8576DT/2 Fiches technique(PDF) 47 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8576DT/2 Fiches technique(HTML) 47 Page - NXP Semiconductors |
|
47 / 57 page ![]() PCF8576D All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 14 — 10 June 2013 47 of 57 NXP Semiconductors PCF8576D Universal LCD driver for low multiplex rates Table 28. Carrier tape dimensions Symbol Description Value Unit A0 pocket width in x direction 8.6 mm B0 pocket width in y direction 14.5 mm K0 pocket height 1.8 mm P1 sprocket hole pitch 12 mm W tape width in y direction 24 mm |