| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8576DT/2 Fiches technique(PDF) 44 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8576DT/2 Fiches technique(HTML) 44 Page - NXP Semiconductors |
|
44 / 57 page ![]() PCF8576D All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 14 — 10 June 2013 44 of 57 NXP Semiconductors PCF8576D Universal LCD driver for low multiplex rates 17. Handling information All input and output pins are protected against ElectroStatic Discharge (ESD) under normal handling. When handling Metal-Oxide Semiconductor (MOS) devices ensure that all normal precautions are taken as described in JESD625-A, IEC 61340-5 or equivalent standards. Table 26. Alignment marks All x/y coordinates represent the position of the center of each alignment mark with respect to the center (x/y = 0) of the chip (see Figure 3, Figure 26 and Figure 27). Symbol Location Dimension X ( m) Y ( m) Diameter ( m) C1 930.42 870.3 72 C2 829.98 870.3 72 |