| Moteur de recherche de fiches techniques de composants électroniques |
|
TLV1117CDCY Fiches technique(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLV1117CDCY Fiches technique(HTML) 13 Page - Texas Instruments |
|
13 / 36 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 31-Oct-2013 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples TLV1117-15CDCY ACTIVE SOT-223 DCY 4 80 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR 0 to 125 T2 TLV1117-15CDCYG3 ACTIVE SOT-223 DCY 4 80 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR 0 to 125 T2 TLV1117-15CDCYR ACTIVE SOT-223 DCY 4 2500 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR 0 to 125 T2 TLV1117-15CDCYRG3 ACTIVE SOT-223 DCY 4 2500 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR 0 to 125 T2 TLV1117-15CDRJR ACTIVE SON DRJ 8 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR 0 to 125 ZYH TLV1117-15CDRJRG4 ACTIVE SON DRJ 8 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR 0 to 125 ZYH TLV1117-15CKVURG3 ACTIVE TO-252 KVU 3 2500 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR 0 to 125 ZE15 TLV1117-15IDCY ACTIVE SOT-223 DCY 4 80 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR -40 to 125 T3 TLV1117-15IDCYG3 ACTIVE SOT-223 DCY 4 80 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR -40 to 125 T3 TLV1117-15IDCYR ACTIVE SOT-223 DCY 4 2500 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR -40 to 125 T3 TLV1117-15IDCYRG3 ACTIVE SOT-223 DCY 4 2500 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR -40 to 125 T3 TLV1117-15IKVURG3 ACTIVE TO-252 KVU 3 2500 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 ZF15 TLV1117-18CDCY ACTIVE SOT-223 DCY 4 80 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR 0 to 125 T4 TLV1117-18CDCYG3 ACTIVE SOT-223 DCY 4 80 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR 0 to 125 T4 TLV1117-18CDCYR ACTIVE SOT-223 DCY 4 2500 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR 0 to 125 T4 TLV1117-18CDCYRG3 ACTIVE SOT-223 DCY 4 2500 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR 0 to 125 T4 TLV1117-18CDRJR ACTIVE SON DRJ 8 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR 0 to 125 ZYK |