Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLV1117CDCY Fiches technique(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
No de pièce TLV1117CDCY
Description  ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1117CDCY Fiches technique(HTML) 22 Page - Texas Instruments

Back Button TLV1117CDCY Datasheet HTML 18Page - Texas Instruments TLV1117CDCY Datasheet HTML 19Page - Texas Instruments TLV1117CDCY Datasheet HTML 20Page - Texas Instruments TLV1117CDCY Datasheet HTML 21Page - Texas Instruments TLV1117CDCY Datasheet HTML 22Page - Texas Instruments TLV1117CDCY Datasheet HTML 23Page - Texas Instruments TLV1117CDCY Datasheet HTML 24Page - Texas Instruments TLV1117CDCY Datasheet HTML 25Page - Texas Instruments TLV1117CDCY Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
TLV1117-15CDCYR
SOT-223
DCY
4
2500
340.0
340.0
38.0
TLV1117-15CDRJR
SON
DRJ
8
1000
210.0
185.0
35.0
TLV1117-15CKVURG3
TO-252
KVU
3
2500
340.0
340.0
38.0
TLV1117-15IDCYR
SOT-223
DCY
4
2500
340.0
340.0
38.0
TLV1117-15IKVURG3
TO-252
KVU
3
2500
340.0
340.0
38.0
TLV1117-18CDCYR
SOT-223
DCY
4
2500
340.0
340.0
38.0
TLV1117-18CDRJR
SON
DRJ
8
1000
210.0
185.0
35.0
TLV1117-18CKVURG3
TO-252
KVU
3
2500
340.0
340.0
38.0
TLV1117-18IDCYR
SOT-223
DCY
4
2500
340.0
340.0
38.0
TLV1117-18IDRJR
SON
DRJ
8
1000
210.0
185.0
35.0
TLV1117-18IKVURG3
TO-252
KVU
3
2500
340.0
340.0
38.0
TLV1117-25CDCYR
SOT-223
DCY
4
2500
340.0
340.0
38.0
TLV1117-25CKVURG3
TO-252
KVU
3
2500
340.0
340.0
38.0
TLV1117-25IDCYR
SOT-223
DCY
4
2500
340.0
340.0
38.0
TLV1117-25IDRJR
SON
DRJ
8
1000
210.0
185.0
35.0
TLV1117-33CDCYR
SOT-223
DCY
4
2500
340.0
340.0
38.0
TLV1117-33CDRJR
SON
DRJ
8
1000
210.0
185.0
35.0
TLV1117-33CKVURG3
TO-252
KVU
3
2500
340.0
340.0
38.0
TLV1117-33IDCYR
SOT-223
DCY
4
2500
340.0
340.0
38.0
TLV1117-33IDRJR
SON
DRJ
8
1000
210.0
185.0
35.0
TLV1117-33IKVURG3
TO-252
KVU
3
2500
340.0
340.0
38.0
TLV1117-50CDCYR
SOT-223
DCY
4
2500
340.0
340.0
38.0
TLV1117-50CDRJR
SON
DRJ
8
1000
210.0
185.0
35.0
TLV1117-50CKVURG3
TO-252
KVU
3
2500
340.0
340.0
38.0
TLV1117-50IDCYR
SOT-223
DCY
4
2500
340.0
340.0
38.0
TLV1117-50IDRJR
SON
DRJ
8
1000
210.0
185.0
35.0
TLV1117-50IKVURG3
TO-252
KVU
3
2500
340.0
340.0
38.0
TLV1117CDCYR
SOT-223
DCY
4
2500
340.0
340.0
38.0
TLV1117CDRJR
SON
DRJ
8
1000
210.0
185.0
35.0
TLV1117CKTTR
DDPAK/TO-263
KTT
3
500
340.0
340.0
38.0
TLV1117CKVURG3
TO-252
KVU
3
2500
340.0
340.0
38.0
TLV1117IDCYR
SOT-223
DCY
4
2500
340.0
340.0
38.0
TLV1117IDRJR
SON
DRJ
8
1000
210.0
185.0
35.0
TLV1117IKTTR
DDPAK/TO-263
KTT
3
500
340.0
340.0
38.0
TLV1117IKVURG3
TO-252
KVU
3
2500
340.0
340.0
38.0
PACKAGE MATERIALS INFORMATION
www.ti.com
12-Aug-2013
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36