| Moteur de recherche de fiches techniques de composants électroniques |
|
TLV1117CDCY Fiches technique(PDF) 16 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLV1117CDCY Fiches technique(HTML) 16 Page - Texas Instruments |
|
16 / 36 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 31-Oct-2013 Addendum-Page 4 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples TLV1117-50CDCYG3 ACTIVE SOT-223 DCY 4 80 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR 0 to 125 VT TLV1117-50CDCYR ACTIVE SOT-223 DCY 4 2500 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR 0 to 125 VT TLV1117-50CDCYRG3 ACTIVE SOT-223 DCY 4 2500 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR 0 to 125 VT TLV1117-50CDRJR ACTIVE SON DRJ 8 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR 0 to 125 ZE50 TLV1117-50CDRJRG4 ACTIVE SON DRJ 8 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR 0 to 125 ZE50 TLV1117-50CKVURG3 ACTIVE TO-252 KVU 3 2500 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR 0 to 125 ZE50 TLV1117-50IDCY ACTIVE SOT-223 DCY 4 80 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR -40 to 125 VU TLV1117-50IDCYG3 ACTIVE SOT-223 DCY 4 80 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR -40 to 125 VU TLV1117-50IDCYR ACTIVE SOT-223 DCY 4 2500 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR -40 to 125 VU TLV1117-50IDCYRG3 ACTIVE SOT-223 DCY 4 2500 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR -40 to 125 VU TLV1117-50IDRJR ACTIVE SON DRJ 8 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 125 ZF50 TLV1117-50IDRJRG4 ACTIVE SON DRJ 8 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 125 ZF50 TLV1117-50IKVURG3 ACTIVE TO-252 KVU 3 2500 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 ZF50 TLV1117CDCY ACTIVE SOT-223 DCY 4 80 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR 0 to 125 V4 TLV1117CDCYG3 ACTIVE SOT-223 DCY 4 80 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR 0 to 125 V4 TLV1117CDCYR ACTIVE SOT-223 DCY 4 2500 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR 0 to 125 V4 TLV1117CDCYRG3 ACTIVE SOT-223 DCY 4 2500 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR 0 to 125 V4 TLV1117CDRJR ACTIVE SON DRJ 8 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR 0 to 125 ZYS |