| Moteur de recherche de fiches techniques de composants électroniques |
|
DSPIC30F2011AT-30E/PF Fiches technique(PDF) 82 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F2011AT-30E/PF Fiches technique(HTML) 82 Page - Microchip Technology |
|
82 / 228 page ![]() dsPIC30F6011/6012/6013/6014 DS70117F-page 80 © 2006 Microchip Technology Inc. FIGURE 11-2: 16-BIT TIMER4 BLOCK DIAGRAM FIGURE 11-3: 16-BIT TIMER5 BLOCK DIAGRAM TON Sync PR4 T4IF Equal Comparator x 16 TMR4 Reset Event Flag TGATE TCKPS<1:0> Prescaler 1, 8, 64, 256 2 TGATE TCY 1 0 1 x 0 1 0 0 Gate T4CK Sync Q Q D CK TON PR5 T5IF Equal Comparator x 16 TMR5 Reset Event Flag TGATE TCKPS<1:0> Prescaler 1, 8, 64, 256 2 TGATE TCY 1 0 1 x 0 1 0 0 T5CK ADC Event Trigger Sync Q QD CK Note: In the dsPIC30F6011 and dsPIC30F6012 devices, there is no T5CK pin. Therefore, in this device the following modes should not be used for Timer5: 1: TCS = 1 (16-bit counter) 2: TCS = 0, TGATE = 1 (Gated Time Accumulation) |