Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSPIC30F2011AT-30E/PF Fiches technique(PDF) 68 Page - Microchip Technology

No de pièce DSPIC30F2011AT-30E/PF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011AT-30E/PF Fiches technique(HTML) 68 Page - Microchip Technology

Back Button DSPIC30F2011AT-30E/PF Datasheet HTML 64Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 65Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 66Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 67Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 68Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 69Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 70Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 71Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 228 page
background image
TABLE 8-5:
PORTD REGISTER MAP FOR dsPIC30F6011/6012
TABLE 8-6:
PORTD REGISTER MAP FOR dsPIC30F6013/6014
TABLE 8-7:
PORTF REGISTER MAP FOR dsPIC30F6011/6012
TABLE 8-8:
PORTF REGISTER MAP FOR dsPIC30F6013/6014
TABLE 8-9:
PORTG REGISTER MAP FOR dsPIC30F6011/6012/6013/6014
SFR
Name
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
TRISD
02D2
—
—
—
—
TRISD11 TRISD10 TRISD9
TRISD8
TRISD7
TRISD6
TRISD5
TRISD4 TRISD3
TRISD2
TRISD1
TRISD0 0000 1111 1111 1111
PORTD
02D4
—
—
—
—
RD11
RD10
RD9
RD8
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
0000 0000 0000 0000
LATD
02D6
—
—
—
—
LATD11
LATD10
LATD9
LATD8
LATD7
LATD6
LATD5
LATD4
LATD3
LATD2
LATD1
LATD0
0000 0000 0000 0000
Note:
Refer to “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields.
SFR
Name
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
TRISD
02D2
TRISD15 TRISD14 TRISD13 TRISD12 TRISD11 TRISD10 TRISD9
TRISD8
TRISD7
TRISD6
TRISD5
TRISD4 TRISD3
TRISD2
TRISD1
TRISD0 1111 1111 1111 1111
PORTD
02D4
RD15
RD14
RD13
RD12
RD11
RD10
RD9
RD8
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
0000 0000 0000 0000
LATD
02D6
LATD15
LATD14
LATD13
LATD12
LATD11
LATD10
LATD9
LATD8
LATD7
LATD6
LATD5
LATD4
LATD3
LATD2
LATD1
LATD0
0000 0000 0000 0000
Note:
Refer to “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields.
SFR
Name
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
TRISF
02DE
—
—
—
—
—
—
—
—
—
TRISF6
TRISF5
TRISF4
TRISF3
TRISF2
TRISF1
TRISF0
0000 0000 0111 1111
PORTF
02E0
—
—
—
—
—
—
—
—
—
RF6
RF5
RF4
RF3
RF2
RF1
RF0
0000 0000 0000 0000
LATF
02E2
—
—
—
—
—
—
—
—
—
LATF6
LATF5
LATF4
LATF3
LATF2
LATF1
LATF0
0000 0000 0000 0000
Note:
Refer to “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields.
SFR
Name
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
TRISF
02DE
—
—
—
—
—
—
—
TRISF8
TRISF7
TRISF6
TRISF5
TRISF4
TRISF3
TRISF2
TRISF1
TRISF0
0000 0001 1111 1111
PORTF
02E0
—
—
—
—
—
—
—
RF8
RF7
RF6
RF5
RF4
RF3
RF2
RF1
RF0
0000 0000 0000 0000
LATF
02E2
—
—
—
—
—
—
—
LATF8
LATF7
LATF6
LATF5
LATF4
LATF3
LATF2
LATF1
LATF0
0000 0000 0000 0000
Note:
Refer to “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields.
SFR
Name
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
TRISG
02E4
TRISG15
TRISG14
TRISG13
TRISG12
—
—
TRISG9
TRISG8
TRISG7
TRISG6
—
—
TRISG3
TRISG2
TRISG1
TRISG0
1111 0011 1100 1111
PORTG
02E6
RG15
RG14
RG13
RG12
—
—
RG9
RG8
RG7
RG6
—
—
RG3
RG2
RG1
RG0
0000 0000 0000 0000
LATG
02E8
LATG15
LATG14
LATG13
LATG12
—
—
LATG9
LATG8
LATG7
LATG6
—
—
LATG3
LATG2
LATG1
LATG0
0000 0000 0000 0000
Note:
Refer to “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More