| Moteur de recherche de fiches techniques de composants électroniques |
|
DSPIC30F2011AT-30E/PF Fiches technique(PDF) 32 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F2011AT-30E/PF Fiches technique(HTML) 32 Page - Microchip Technology |
|
32 / 228 page ![]() dsPIC30F6011/6012/6013/6014 DS70117F-page 30 © 2006 Microchip Technology Inc. FIGURE 3-6: DATA SPACE WINDOW INTO PROGRAM SPACE OPERATION 23 15 0 PSVPAG(1) 15 15 EA<15> = 0 EA<15> = 1 16 Data Space EA Data Space Program Space 8 15 23 0x0000 0x8000 0xFFFF 0x01 0x000100 0x017FFF Data Read Upper Half of Data Space is Mapped into Program Space 0x008000 Address Concatenation BSET CORCON,#2 ; PSV bit set MOV #0x01, W0 ; Set PSVPAG register MOV W0, PSVPAG MOV 0x8000, W0 ; Access program memory location ; using a data space access Note: PSVPAG is an 8-bit register, containing bits <22:15> of the program space address (i.e., it defines the page in program space to which the upper half of data space is being mapped). |