| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9920ABBCZ Fiches technique(PDF) 110 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9920ABBCZ Fiches technique(HTML) 110 Page - Analog Devices |
|
110 / 112 page ![]() AD9920A Rev. B | Page 110 of 112 Address Data Bits Default Value Update Type Name Description 0x1A [12:0] X SCP HBLKTOGO3 Third HBLK toggle position for odd lines, or RA2H1REPA/B/C. [25:13] X HBLKTOGO4 Fourth HBLK toggle position for odd lines, or RA3H1REPA/B/C. 0x1B [12:0] X SCP HBLKTOGO5 Fifth HBLK toggle position for odd lines, or RA4H1REPA/B/C. [25:13] X HBLKTOGO6 Sixth HBLK toggle position for odd lines, or RA5H1REPA/B/C. 0x1C [12:0] X SCP HBLKTOGE1 First HBLK toggle position for even lines, or RA0H2REPA/B/C. [25:13] X HBLKTOGE2 Second HBLK toggle position for even lines, or RA1H2REPA/B/C. 0x1D [12:0] X SCP HBLKTOGE3 Third HBLK toggle position for even lines, or RA2H2REPA/B/C. [25:13] X HBLKTOGE4 Fourth HBLK toggle position for even lines, or RA3H2REPA/B/C. 0x1E [12:0] X SCP HBLKTOGE5 Fifth HBLK toggle position for even lines, or RA4H2REPA/B/C. [25:13] X HBLKTOGE6 Sixth HBLK toggle position for even lines, or RA5H2REPA/B/C. 0x1F [12:0] X SCP HBLKSTARTA HBLK repeat area Start Position A for HBLK Mode 1. Set to 8191 if not used. [25:13] X HBLKSTARTB HBLK repeat area Start Position B for HBLK Mode 1. Set to 8191 if not used. 0x20 [12:0] X SCP HBLKSTARTC HBLK repeat area Start Position C for HBLK Mode 1. Set to 8191 if not used. [16:13] VMASK_EVEN 1 = enable FREEZE/RESUME for each VPAT group (A, B, C, D); even lines. [20:17] VMASK_ODD 1 = enable FREEZE/RESUME for each VPAT group (A, B, C, D); odd lines. 0x21 [2:0] X SCP HBLKALT_PAT0 HBLK Mode 1, Repeat Area 0 pattern for odd lines. [6:4] X HBLKALT_PAT1 HBLK Mode 1, Repeat Area 1 pattern for odd lines. [10:8] X HBLKALT_PAT2 HBLK Mode 1, Repeat Area 2 pattern for odd lines. [14:12] X HBLKALT_PAT3 HBLK Mode 1, Repeat Area 3 pattern for odd lines. [18:16] X HBLKALT_PAT4 HBLK Mode 1, Repeat Area 4 pattern for odd lines. [22:20] X HBLKALT_PAT5 HBLK Mode 1, Repeat Area 5 pattern for odd lines. 0x22 [12:0] X SCP CLPOBTOG1 CLPOB Toggle Position 1. [25:13] X CLPOBTOG2 CLPOB Toggle Position 2. 0x23 [12:0] X SCP PBLKTOG1 PBLK Toggle Position 1. [25:13] X PBLKTOG2 PBLK Toggle Position 2. 0x24 [11:0] X SCP HBLK2OFF_A_E HCLK Offset A for even lines. Used during HBLK Mode 1. [23:12] X HBLK2OFF_A_O HCLK Offset A for odd lines. Used during HBLK Mode 1. 0x25 [11:0] X SCP HBLK2OFF_B_E HCLK Offset B for even lines. Used during HBLK Mode 1. [23:12] X HBLK2OFF_B_O HCLK Offset B for odd lines. Used during HBLK Mode 1. 0x26 [11:0] X SCP HBLK2OFF_C_E HCLK Offset C for even lines. Used during HBLK Mode 1. [23:12] X HBLK2OFF_C_O HCLK Offset C for odd lines. Used during HBLK Mode 1. 0x27 [12:0] X SCP HBLKCNT_START Start position for HBLK counter. For HBLK operation, HBLKCNT_START should be set equal to the value of HBLKSTART; if HBLK interval is not needed, set to 8191. [13] X HBLKEND[13] MSB for HBLKEND register (V-Sequence Register 0x17, Bits[25:13]). |