| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9920ABBCZ Fiches technique(PDF) 54 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9920ABBCZ Fiches technique(HTML) 54 Page - Analog Devices |
|
54 / 112 page ![]() AD9920A Rev. B | Page 54 of 112 INTERNAL VERTICAL DRIVER CONNECTIONS (19-CHANNEL MODE) V1A XV4 XV22 (XSG7) XV5 XV6 V1B XV9 XV10 XV11 XV12 V2A V2B XV7 XV8 XV13 XV14 V3A V3B XV20 (XSG5) XV3 XV21 (XSG6) XV15 AD9920A G9 G6 G5 E9 J9 F6 F5 E5 D10 F9 F7 D9 C4 C5 B5 E6 E7 C8 G7 XSUBCNT (LOGIC INPUT) K11 J8 J6 XV23 GPO5 (XSG8) GPO6 (XSG9) XV24 +3V 3-LEVEL OUTPUTS +3V V-DRIVER VH,VL XSUBCK SUBCK XV16 (XSG1) XV1 XV17 (XSG2) XV18 (XSG3) XV2 XV19 (XSG4) INTERNAL TIMING GENERATOR 2-LEVEL OUTPUTS 2-LEVEL OUTPUT, REDUCED DRIVE V9 V10 V11 V12 V5 V4 V6 V7 V8 V13 V14 V15 V16 LEGEN Figure 66. Internal AFETG to V-Driver Connections (19-Channel Mode) |