Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9920ABBCZ Fiches technique(PDF) 65 Page - Analog Devices

No de pièce AD9920ABBCZ
Description  12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9920ABBCZ Fiches technique(HTML) 65 Page - Analog Devices

Back Button AD9920ABBCZ Datasheet HTML 61Page - Analog Devices AD9920ABBCZ Datasheet HTML 62Page - Analog Devices AD9920ABBCZ Datasheet HTML 63Page - Analog Devices AD9920ABBCZ Datasheet HTML 64Page - Analog Devices AD9920ABBCZ Datasheet HTML 65Page - Analog Devices AD9920ABBCZ Datasheet HTML 66Page - Analog Devices AD9920ABBCZ Datasheet HTML 67Page - Analog Devices AD9920ABBCZ Datasheet HTML 68Page - Analog Devices AD9920ABBCZ Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 112 page
background image
AD9920A
Rev. B | Page 65 of 112
Register
Length (Bits)
Range
Description
LUT_FOR_GP78
4
Logic setting
Desired logic to be realized on GPO7 combined with GPO8.
Example logic settings for LUT_FOR_GPxy:
0x06 = GPy XOR GPx (see Figure 89).
0x07 = GPy NAND GPx.
0x08 = GPy AND GPx.
0x0E = GPy OR GPx.
GPx_TOGx_FD
13
0 to 8191 fields
Field of activity, relative to primary and secondary counter for corresponding toggle.
GPx_TOGx_LN
13
0 to 8191 lines
Line of activity for corresponding toggle.
GPx_TOGx_PX
13
0 to 8191 pixels
Pixel of activity for corresponding toggle.
GPO_INT_EN
1
On/off
When set to 1, internal signals are viewable on GPO1 to GPO3. Also, set the
SEL_GPx bit low to output internal signals.
GPO1 = internal clock.
GPO2 = CLPOB.
GPO3 = delayed sample clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More