| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9920ABBCZ Fiches technique(PDF) 62 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9920ABBCZ Fiches technique(HTML) 62 Page - Analog Devices |
|
62 / 112 page ![]() AD9920A Rev. B | Page 62 of 112 SUBCK PROGRAMMABLE SETTINGS: 1. PULSE POLARITY USING THE SUBCK_POL REGISTER. 2. NUMBER OF PULSES WITHIN THE FIELD USING THE SUBCKNUM REGISTER (SUBCKNUM = 3 IN THIS EXAMPLE). 3. PIXEL LOCATION OF PULSE WITHIN THE LINE AND PULSE WIDTH PROGRAMMED USING THE SUBCK_TOG1 TOGGLE POSITION REGISTER. VD SUBCK tEXP VSG HD tEXP Figure 81. Normal SUBCK Operation VD SUBCK NOTES 1. SECOND SUBCK PULSE IS ADDED IN THE LAST SUBCK LINE. 2. LOCATION OF SECOND PULSE IS FULLY PROGRAMMABLE USING THE SUBCKHP TOGGLE POSITION REGISTERS. VSG HD tEXP tEXP Figure 82. High Precision SUBCK Operation VD SUBCK VSG TRIGGER EXPOSURE (0x70) tEXP NOTES 1. SUBCK CAN BE SUPPRESSED FOR MULTIPLE FIELDS BY PROGRAMMING THE EXPOSURE REGISTER TO BE GREATER THAN 0. 2. THIS EXAMPLE USES EXPOSURE = 1. 3. TRIGGER REGISTER MUST ALSO BE USED TO START THE LOW SPEED EXPOSURE. 4. VD/HD OUTPUTS CAN ALSO BE SUPPRESSED USING THE VDHD_MASK REGISTER = 1. Figure 83. Low Speed SUBCK Operation (SUBCKMASK_SKIP1 = 1) |