| Moteur de recherche de fiches techniques de composants électroniques |
|
ADE03 Fiches technique(PDF) 35 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE03 Fiches technique(HTML) 35 Page - Tyco Electronics |
|
35 / 326 page ![]() ASE/F Series B7 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 B Slide Switches, Extended Actuator, Through Hole and Surface Mount .150 (3.81) . .150 (3.81) . .050 (1.27) .150 (3.81) .175 (4.44) .060 (1.52) .020 (0.51) TYP. .100 (2.54) TYP. .290 (7.37) MAX. A .320 (8.13) . .010 (0.25) TYP. .320 (8.13) . .175 (4.44) .050 (1.27) .010 (0.25) TYP. .020 (0.51) TYP. .100 (2.54) TYP. .290 (7.37) MAX. A Upright, Surface Mount "S" Type, Extended Actuator Tyco Alcoswitch Type Contact Dim A Electronics 1437581-6 ASE22GS DPDT Gold .400/10.2 1-1437581-3 ASE22S DPDT Silver .400/10.2 — ASE42GS 4PDT Gold .700/17.8 2-1437581-4 ASE42S 4PDT Silver .700/17.8 — ASE43GS 4P3T Gold 1.10/27.9 — ASE43S 4P3T Silver 1.10/27.9 — ASE62GS 6PDT Gold 1.00/25.4 — ASE62S 6PDT Silver 1.00/25.4 Right Angle, Surface Mount "L" Type, Extended Actuator Tyco Alcoswitch Type Contact Dim A Electronics — ASE22RGL DPDT Gold .400/10.2 1-1437581-1 ASE22RL DPDT Silver .400/10.2 2-1437581-1 ASE42RGL 4PDT Gold .700/17.8 2-1437581-2 ASE42RL 4PDT Silver .700/17.8 — ASE43RGL 4P3T Gold 1.10/27.9 — ASE43RL 4P3T Silver 1.10/27.9 3-1437581-8 ASE62RGL 6PDT Gold 1.00/25.4 3-1437581-9 ASE62RL 6PDT Silver 1.00/25.4 Right Angle, Surface Mount "S" Type, Extended Actuator Tyco Alcoswitch Type Contact Dim A Electronics 1-1437581-0 ASE22RGS DPDT Gold .400/10.2 1-1437581-2 ASE22RS DPDT Silver .400/10.2 — ASE42RGS 4PDT Gold .700/17.8 2-1437581-3 ASE42RS 4PDT Silver .700/17.8 — ASE43RGS 4P3T Gold 1.10/27.9 — ASE43RS 4P3T Silver 1.10/27.9 — ASE62RGS 6PDT Gold 1.00/25.4 — ASE62RS 6PDT Silver 1.00/25.4 S Type Surface Mount .315 8.00 .110 2.79 .020±.002 .508±.051 .100±.005 2.54±.127 .150 3.81 .085 2.16 .075 1.91 .290 7.37 .100 2.54 .030+.006/-.002 .762+.152/-.051 .175 4.45 .055 1.40 .050 1.27 A *Side Actuator Only .075 1.91 NOTE: See Page B10 for Circuit Diagram and Recommended PC Board Layout. NOTE: See Page B10 for Circuit Diagram and Recommended PC Board Layout. NOTE: See Page B10 for Circuit Diagram and Recommended PC Board Layout. |