| Moteur de recherche de fiches techniques de composants électroniques |
|
ADE03 Fiches technique(PDF) 96 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE03 Fiches technique(HTML) 96 Page - Tyco Electronics |
|
96 / 326 page ![]() C20 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 C Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 ATE Series Toggle Switches, Process Sealed, Vertical, Round or Flat Actuators Tyco Alcoswitch Type Contact Type Electronics 1-1437557-5 ATE2DGPC1 DPDT On None On Gold 1-1437557-9 ATE2EGPC1 DPDT On Off On Gold Terminals Connected: 2-3 2-1 5-6 5-4 ATE1DGPC1 Tyco Alcoswitch Type Contact Type Electronics 1437557-2 ATE1DGPC1 SPDT On None On Gold 1437557-6 ATE1EGPC1 SPDT On Off On Gold ATE1FGPC1 SPDT On None (On) Gold 1-1437557-2 ATE1GGPC1 SPDT (On) Off (On) Gold Terminals Connected: 2-3 2-1 (On) indicates momentary position. Extra compact double pole saves PCB real estate. ATE2DGPC1 ATE1DGPC7 Extra compact double pole saves PCB real estate. ATE2DGPC7 SPDT/DPDT SEE PAGE C19 FOR PRODUCT SPECIFICATIONS SPDT/DPDT .374 (9.50) .394 (10.00) .157 (3.98) 26 ° .157 (3.98) .315 (8.00) .130 (3.30) .024 (0.61) .100 (2.54) TYP. .996 (25.30) .106 (2.69) DIA. .197 (5.00) .157 (3.98) DIA. TYP. .059 (1.49) .012 (0.30) EPOXY SEAL 2 3 1 5 6 4 .100 (2.54) TYP. P.C. HOLE LAYOUT DOUBLE POLE .032 (0.81) DIA. TYP. .100 (2.54) TYP. .100 (2.54) TYP. .374 (9.50) .394 (10.00) .157 (3.98) 26 ° .157 (3.98) .315 (8.00) .130 (3.30) .024 (0.61) .100 (2.54) TYP. .996 (25.30) .012 (0.30) EPOXY SEAL .106 (2.69) DIA. .197 (5.00) .157 (3.98) DIA. 2 3 1 TYP. .059 (1.49) P.C. HOLE LAYOUT SINGLE POLE .032 (0.81) DIA. TYP. .100 (2.54) TYP. .374 (9.50) .236 (5.99) .157 (3.98) 26 ° .315 (8.00) .130 (3.30) .024 (0.61) .100 (2.54) TYP. .839 (21.30) .012 (0.30) EPOXY SEAL P.C. HOLE LAYOUT SINGLE POLE .098 (2.48) DIA. .197 (5.00) .157 (3.98) DIA. 2 3 1 TYP. .032 (0.81) DIA. TYP. .100 (2.54) TYP. .374 (9.50) .236 (5.99) .157 (3.98) 26 ° .315 (8.00) .130 (3.30) .024 (0.61) .100 (2.54) TYP. .839 (21.30) .012 (0.30) TYP. EPOXY SEAL P.C. HOLE LAYOUT DOUBLE POLE .098 (2.48) DIA. .197 (5.00) .157 (3.98) DIA. 2 3 1 5 6 4 TYP. .032 (0.81) DIA. TYP. .100 (2.54) .100 (2.54) TYP. .100 (2.54) TYP. Tyco Alcoswitch Type Contact Type Electronics 1-1437557-6 ATE2DGPC7 DPDT On None On Gold Terminals Connected: 2-3 2-1 5-6 5-4 Tyco Alcoswitch Type Contact Type Electronics 1437557-3 ATE1DGPC7 SPDT On None On Gold 1-1437557-3 ATE1GGPC7 SPDT (On) Off (On) Gold Terminals Connected: 2-3 2-1 5-6 5-4 (On) indicates momentary position. |