| Moteur de recherche de fiches techniques de composants électroniques |
|
ADE03 Fiches technique(PDF) 15 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE03 Fiches technique(HTML) 15 Page - Tyco Electronics |
|
15 / 326 page ![]() A15 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 A 7000 Series DIP Switches, Rocker Style Actuator Contact Lead Spacing — .100 x .300 [2.54 x 7.62] Lead Length — .140 [3.56] below mounting surface Contact Lead Spacing — .100 x .300 [2.54 x 7.62] Lead Length — .140 [3.56] below mounting surface .38±.02 [9.65±0.71] .022±.002 [0.56±0.05] Typ. .14±.02 [3.56±0.71] Typ. .315±.01 [8.00±0.25] Contact Arrangment .29±.02 [7.36±0.71] .02 [0.71 ] Stand Off, 4 Plc. .19±.01 [4.82±0.25] A ±.02 [0.51] .100 [2.54] Typ. .012 [3.05] Typ. Notches for Rocker Actuation Mounting Surface +.000 -.010 +0.00 -0.25 Contact Arrangment .38±.02 [9.65±0.71] .14±.02 [3.56±0.71] Typ. .34±.02 [8.63±0.71] Typ. .315±.01 [8.00±0.25] .29±.02 [7.36±0.71] Typ. .02 [0.71 ] Stand Off, 4 Plc. .19±.01 [4.82±0.25] A ±.02 [0.51] .012 [3.05] Typ. Mounting Surface +.000 -.010 +.000 -0.25 .100 [2.54] Typ. .022±.002 [0.56±0.05] Typ. Standard Profile Low Profile Number SPST SPST of Standard Profile Low Profile Switches Unsealed Sealed Unsealed Tape Sealed 2 2-435166-9 — — 3-435626-6 3 — — — 3-435626-7 4 435166-2 4-435166-9 435626-1 3-435626-8 5 — 5-435166-0 435626-2 — 6 435166-4 5-435166-1 — 4-435626-0 7 435166-1 5-435166-2 — 4-435626-1 8 435166-5 5-435166-3 435626-5 4-435626-2 9 435166-6 — — — 10 435166-7 5-435166-5 — 4-435626-4 |