| Moteur de recherche de fiches techniques de composants électroniques |
|
ADE03 Fiches technique(PDF) 297 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE03 Fiches technique(HTML) 297 Page - Tyco Electronics |
|
297 / 326 page ![]() 1437603-7 DPS10301AK J11 1437606-1 B11LS J9,J10 1437606-2 B12L J11 1437606-3 B12LS J11 1437606-4 B5L J7 1437606-5 B5LS J7,J8 1437606-6 B9L J9,J10 1437606-8 B9LS J9,J10 1437606-9 B9LS5PIN J9 1437607-1 SH6131AK J6 1437607-2 SH6131AKK2 J6 1437609-2 M25310 I10 1437609-3 M25500 I10 1437609-4 M25510 I10 1437610-1 M60100 I11 1437610-2 M60102 I11 1437610-3 M60105 I11 1437610-4 M60200 I11 1437610-5 M60202 I11 1437610-6 M60532 I11 1437610-7 M60570 I11 1437610-8 M60572 I11 1437610-9 M60574 I11 1437612-7 570 I6,I7,I8,I15 1437612-8 5B0 I6,I7,I8,I15 1437612-9 F40 I8,I9,I14 1437614-1 E1 I5,I6 1437614-2 QM0100 I5 1437614-3 QM0102 I5 1437614-4 QM0105 I5 1437614-5 QM0109 I5 1437614-6 QM0202 I5 1437614-7 QM1202 I7 1437614-8 QM1204 I7 1437614-9 QM1205 I7 1437615-1 RT0500 I4 1437615-2 RT0502 I4 1437615-3 RT0504 I4 1437615-4 RT0505 I4 1437615-5 RT0506 I4 1437615-6 RT1202 I7 1437615-7 RT1205 I7 1437615-8 RT1502 I7 1437617-1 G001 I13 1437620-5 327-AG I20 1437620-7 381-AG I20 1437620-8 382-AG I20 1437620-9 385 I20 1437621-2 K1250A1/4 K4 1437621-3 K1250B1/4 K4 1417566-1 MTM8206NVRA C53 1437621-4 K1251B1/4 K4 1437621-5 K1255BS1/4 K4 1437621-6 K500A1/4 K4 1437621-7 K500A1/8 K4 1437621-8 K500B1/4 K4 1437621-9 K500B1/8 K4 1437622-1 KLN500S1/4 K7 1437622-2 KLN700A1/4 K7 1437622-3 KLN700B1/4 K7 1437622-4 KLN700B1/8 K7 1437622-5 KLN700S1/4 K7 1437622-6 KLN900A1/4 K7 1437622-7 KLN900B1/4 K7 1437622-8 KLN900S1/4 K7 1437623-2 KS500A1/4 K10 1437623-3 KS500A1/8 K10 1437623-4 KS500B1/4 K10 1437623-5 KS500B1/8 K10 1437623-6 KS700A1/4 K10 1437623-7 KS700B1/4 K10 1437623-8 KS900A1/4 K10 1437623-9 KS900B1/4 K10 1437624-2 PH15181/4 K12 1437624-4 PK1100B1/8 K12 1437624-6 PK50B1/4 K12 1437624-7 PK50B1/8 K12 1437624-8 PK70B1/4 K12 1437624-9 PK90B1/4 K12 1437625-1 PKS1132B51/4 K19 1437625-2 PKS1132B91/4 K19 1437625-5 PKS90B1/4 K20 1437625-6 PKS90B101/4 K20 1437626-1 B10480 C55 1437626-2 B10482 C55 1437626-3 B10488 C55 1437626-4 B14400 C55 1437626-5 B14402 C55 1437626-6 B14408 C55 1437626-7 B15320 C55 1437626-8 B15322 C55 1437626-9 B15328 C55 1437628-2 LW1 C54 1437628-3 LW12-AG C54 1437628-5 LW5-AG C54 1437628-7 N1-AG C54 1437628-9 N1A C54 1437629-1 MRC110 G3 1437629-2 MRC110S G3 1437629-3 MRC25 G3 1437629-4 MRC25S G3 1437629-5 MRC33 G3 1437629-6 MRC33S G3 1437629-7 MRC42 G3 1437629-8 MRC42S G3 1437629-9 MRJ112 G4 1437805-2 TPA21MGPC0 D6 1437807-1 DRD10CS A23 1437807-2 DRD10C A23 1437807-3 DRD16SA A23 1437807-4 DRD16S A23 1437807-6 DRW16S A23 1437807-8 DRM16S A23 1437807-9 DRW16CE A23 1447371-4 AE108MD1AV2Q C40 147571-1 A211J51ZQ0 F7 147673-2 MTM8206RVRA C53 147674-1 MTM8206PRA C52 147676-1 MTA8106EVRA C53 147681-1 MTM8106FRA C52 147682-1 MTA8106FRA C52 147682-2 MTA8106ERA C52 147694-1 FSM8JRT E6 147794-1 AE103MD1V30B C35 147795-1 AE201MD1V30B C35 147822-1 AE105J1V3Q0 F17 147823-1 AE108J1CQ0 F17 147824-1 AE103J1V3Q0 F17 147844-1 TTE11EG1 C8 1478600-1 - L11 1478600-2 - L11 1478600-3 - L11 1478600-4 - L12 1478600-5 - L12 1478601-1 - L11 1478601-2 - L11 1478601-3 -L11 1478601-4 - L12 1478601-5 - L12 1478602-1 - L11 1478602-2 - L11 1478602-3 - L11 1478602-4 - L12 1478602-5 - L12 1478603-1 -L3 1478603-2 -L4 1478603-3 - L5 1478603-4 - L6 1478603-5 - L7 1478603-6 -L8 1478603-7 -L9 1478604-1 -L3 1478604-2 - L4 1478604-3 - L5 1478604-4 - L6 1478604-5 - L7 1478604-6 -L8 1478604-7 -L9 1478605-1 -L3 1478605-2 - L4 1478605-3 - L5 1478605-4 - L6 1478605-5 - L7 1478605-6 - L8 1478605-7 - L9 1478606-1 - L3 1478606-2 - L4 1478606-3 - L5 1478606-4 - L6 1478606-5 - L7 1478606-6 -L8 1478606-7 -L9 1478607-1 -L3 1478607-2 - L4 1478607-3 - L5 1478607-4 - L6 1478607-5 -L7 1478607-6 -L8 1478607-7 - L9 1478608-1 - L3 1478608-2 - L4 1478608-3 - L5 1478608-4 - L6 1478608-5 - L7 1478608-6 - L8 1478608-7 - L9 1478609-1 - L3 1478609-2 - L4 1478609-3 - L5 1478609-4 - L6 1478609-5 - L7 1478609-6 - L8 1478609-7 - L9 1478610-1 - L3 1478610-2 - L4 1478610-3 - L5 1478610-4 - L6 1478610-5 - L7 1478610-6 - L8 1478610-7 - L9 1478611-1 - L3 1478611-2 - L4 1478611-3 - L5 1478611-4 - L6 Tyco Electronics Alcoswitch Page Part Part Number Number Number Tyco Electronics Alcoswitch Page Part Part Number Number Number Tyco Electronics Alcoswitch Page Part Part Number Number Number Index/Matrixes M12 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 M |