Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLAS191A Fiches technique(PDF) 22 Page - Texas Instruments

No de pièce SLAS191A
Description  Starter Kit Evaluation Kit Manual
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SLAS191A Fiches technique(HTML) 22 Page - Texas Instruments

Back Button SLAS191A Datasheet HTML 18Page - Texas Instruments SLAS191A Datasheet HTML 19Page - Texas Instruments SLAS191A Datasheet HTML 20Page - Texas Instruments SLAS191A Datasheet HTML 21Page - Texas Instruments SLAS191A Datasheet HTML 22Page - Texas Instruments SLAS191A Datasheet HTML 23Page - Texas Instruments SLAS191A Datasheet HTML 24Page - Texas Instruments SLAS191A Datasheet HTML 25Page - Texas Instruments SLAS191A Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 86 page
background image
1–16
Enter the source name gs_stk1 and press ENTER. This will cause the assembler to assemble gs_stk1.asm
into gs_stk1.txt. The following display will appear:
Source
File
Figure 1–13. gs_stk1.asm Window Display
The assembler output file is named gs_stk1.txt. This file is created only if the assembler is invoked with the
option -z. To verify that the gs_stk1.txt file was created, check the ADT430\STK\EXAMPLES directory.
An additional listing of gs_stk1.lst is created when the option -l is used. To review the gs_stk.lst output,
double-click on the file name and view using an appropriate viewer. Figure 1–14 is a listing of gs_stk1.asm:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86