| Moteur de recherche de fiches techniques de composants électroniques |
|
SLAS191A Fiches technique(PDF) 68 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SLAS191A Fiches technique(HTML) 68 Page - Texas Instruments |
|
68 / 86 page ![]() 5–2 The flow chart in Figure 5–1 I illustrates the entry point of the INT_RXTX interrupt service routine: INT_P0.1 no yes Identification ? Contents Of Memory Location 3DEh = AA55h P0.1 Interrupt Continues Program Execution Upon The User Interrupt Vector Stored In Memory Location 3F8h User Interrupt Service Routine Branches To INT_RXTX Service Routine From ROM-Monitor ? (First Instruction = CALL &0FFDAh ?) yes no Start Of Monitor Interrupt Service Routine INT_RXTX User Interrupt Service Routine is Continued Receive/Transmit Interrupt Service Routine Half Duplex Software UART Prepared For Receive or Transmit ? (PREPRX or PREPTX) Interrupt Service Handler For Transmit Interrupt Service Handler For Receive TX RX Figure 5–1. Identification of Bit Pattern AA55h for the MSP430X32x Family |