| Moteur de recherche de fiches techniques de composants électroniques |
|
SLAS191A Fiches technique(PDF) 49 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SLAS191A Fiches technique(HTML) 49 Page - Texas Instruments |
|
49 / 86 page ![]() 2–13 To revise an incorrect terminal input, perform the following functions as shown in Figure 2–13. Using the Arrow, Delete or Insert keys as inputs causes unpredictable behavior. After entering an incorrect register contents, the entire input should be entered again. Another method is to press <ESC> and enter the m command again. Never type <ENTER> after entering an incorrect input. Press <ESC> Correction Incorrect terminal input Start the memory mode View memory contents >init MSP–STK430A320 >byte >m@#$% 20300 2 mem 0300 : 31 40 >m@#$% 2 >m0300 2 mem 0300 : 31 40 >_ Figure 2–13. Revised Memory Modification |