| Moteur de recherche de fiches techniques de composants électroniques |
|
CS3101C18-3SW Fiches technique(PDF) 63 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
CS3101C18-3SW Fiches technique(HTML) 63 Page - Amphenol Corporation |
|
63 / 73 page ![]() 62 GROMMET 10-408XX-XX* The Amphenol® grommet provides maximum per- formance when cables are used which have an O.D. equal to the O.D. specified in MIL-W-5086. For waterproof assembly a cable sheath of neoprene base material is required maintaining the O.D. per MIL-W-5086. SEALING PLUG MS27488-XX-1 10-405996-XX1 Sealing plugs are used to fill unused holes in multi-holed grommet configurations. * To complete grommet order number add the contact arrangement number desired. (See pages 22 and 23 for available insert arrangements). Example: 10-40810-2 is the order number for the grommet used with 10S-2 insert arrangement. MS Shell Size Order Number* A ±.010 B ±.010 C +.010 –.020 8S 10-40808-XX .312 .250 .406 10S 10-40810-XX .312 .250 .406 10SL 10-40811-XX .312 .375 .406 12S 10-40812-XX .312 .375 .406 12 10-40813-XX .375 .375 .469 14S 10-40814-XX .312 .500 .406 14 10-40815-XX .375 .500 .469 16S 10-40816-XX .312 .625 .406 16 10-40817-XX .375 .625 .469 18 10-40818-XX .438 .750 .532 20 10-40820-XX .438 .875 .532 22 10-40822-XX .438 1.000 .532 24 10-40824-XX .438 1.125 .594 28 10-40828-XX .438 1.240 .594 32 10-40832-XX .438 1.531 .657 36 10-40836-XX .438 1.766 .657 40 10-40840-XX .438 2.000 .657 **±.020 Order No. Contact Size MS Number Wire Size Color Code A Dia. ±.010 B ±.005 C ±.010 10-405996-161 16 27488-16-1 20-16 Blue .083 .133 .564** 10-405996-121 12 27488-12-1 14-12 Yellow .121 .171 .564** 10-405996-81 8 27488-8-1 10-8 White .185 .315 .470 10-405996-41 4 27488-4-1 4-6 Blue .310 .415 .470 10-405996-01 0 27488-0-1 0-2 Yellow .440 .605 1.000 MS/Standard Accessories grommet/sealing plugs B A C B DIA 45˚ A DIA C .135 +.030 –.025 |