| Moteur de recherche de fiches techniques de composants électroniques |
|
CS3101C18-3SW Fiches technique(PDF) 44 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
CS3101C18-3SW Fiches technique(HTML) 44 Page - Amphenol Corporation |
|
44 / 73 page ![]() 43 1 2 3 4 5 6 7 8 9 10 11 12 front face of pin insert or rear face of socket insert illustrated Special contact arrangements Insert Arrangement 36-75 36-76 36-77 36-78 Service Rating AADA Number of Contacts 48 47 7 2 12 Contact Size 16 for #14 wire 16 4 16 8 Insert Arrangement 36-79 36-80 36-83 36-85 Service Rating A A – M = D; Bal. = A Number of Contacts 20 20 7 35 Contact Size 12 12 for #10 wire 4 (Coax) RG-58/U 16 for #12 wire Insert Arrangement 36-97 36-99 36-AF 40-5 Service Rating CDA A Number of Contacts 1 3 3 3 3 48 5 Contact Size 4/0 4 8 12 16 16 0 CONTACT LEGEND 16 12 8 4 0 4/0 12 34 5 67 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 12 3 45 67 8 910 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 A B C D E F G 1 2 3 4 5 6 7 8 9 10 11 12 13 14 1 23 4 5 67 8 9 10 11 12 13 14 15 16 17 18 19 20 1 23 4 5 67 8 9 10 11 12 13 14 15 16 17 18 19 20 A B C D E F G A B C D E F G H J K L M N P Q R S T U V W X Y Z a b c d f g h j k m e A B C D E F G H J K L M N O P Q R S T U V W X Y Z a b c d e f g h j k m n p r t s q u v w x y z A B G C N |