Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS3101C18-3SW Fiches technique(PDF) 57 Page - Amphenol Corporation

No de pièce CS3101C18-3SW
Description  Amphenol MIL-DTL-5015 and MIL-5015
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMPHENOL [Amphenol Corporation]
Site Internet  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CS3101C18-3SW Fiches technique(HTML) 57 Page - Amphenol Corporation

Back Button CS3101C18-3SW Datasheet HTML 53Page - Amphenol Corporation CS3101C18-3SW Datasheet HTML 54Page - Amphenol Corporation CS3101C18-3SW Datasheet HTML 55Page - Amphenol Corporation CS3101C18-3SW Datasheet HTML 56Page - Amphenol Corporation CS3101C18-3SW Datasheet HTML 57Page - Amphenol Corporation CS3101C18-3SW Datasheet HTML 58Page - Amphenol Corporation CS3101C18-3SW Datasheet HTML 59Page - Amphenol Corporation CS3101C18-3SW Datasheet HTML 60Page - Amphenol Corporation CS3101C18-3SW Datasheet HTML 61Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 73 page
background image
56
Included in the design of the 10-305200 clamp are features such as a shorter overall length,
greater reduction of close-down diameters by the use of accessory sleeves and waterproofing
between the clamp and attaching shells. Finish is cadmium plating per QQ-P-146 type II, class
3 with olive drab chromate after-treatment. This is a suitable replacement clamp for M85049/1.
Shell
Size
Clamp
Part No.
A
Thread
Class 2B
B Dia.
E
Dia.
±.016
F
±.010
G
+.020
–.000
Sleeve
MS
Part No.
H Dia.
Free
Closed
Free
±.016
Closed
8S, 10S
10-305200-103
.5000-28UNEF
.219
.027
.719
.797
1.010
3420-3A
.125
.000
10SL, 12, 12S
10-305200-123
.6250-24NEF
.312
.094
.844
.891
1.010
3420-4A
.219
.010
14, 14S
10-305200-143
.7500-20UNEF
.438
.230
.969
1.016
1.010
3420-6A
3420-4A
.312
.219
.114
.020
16, 16S
10-305200-163
.8750-20UNEF
.531
.316
1.094
1.109
1.010
3420-8A
3420-6A
.438
.312
.222
.085
18
10-305200-183
1.0000-20UNEF
.625
.378
1.219
1.219
1.041
3420-10A
3420-6A
.438
.312
.200
.085
20, 22
10-305200-203
1.1875-18NEF
.750
.445
1.406
1.469
1.151
3420-12A
3420-8A
.541
.438
.270
.177
24, 28
10-305200-243
1.4375-18NEF
.938
.611
1.656
1.656
1.151
3420-16A
3420-12A
3420-8A
.750
.541
.438
.433
.260
.186
32
10-305200-323
1.7500-18NS
1.250
.922
2.000
2.125
1.291
3420-20A
3420-16A
3420-12A
.938
.750
.541
.620
.442
.273
36
10-305200-363
2.0000-18NS
1.375
.922
2.250
2.250
1.510
3420-24A
3420-18A
3420-16A
1.125
.938
.750
.682
.504
.358
40
10-305200-403
2.2500-16UN
1.625
1.180
2.500
2.500
1.510
3420-28A
3420-20A
3420-16A
1.250
.938
.750
.816
.514
.368
MS/Standard Accessories
10-305200
cable clamp,
MS3420( )A
sleeve
F
B
G
E
A
Thread
H
MS3420-( )A Sleeve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73