Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2A2 Fiches technique(PDF) 3 Page - Honeywell Accelerometers

No de pièce 2A2
Description  Pushbutton Switches and Indicators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HONEYWELL-ACC [Honeywell Accelerometers]
Site Internet  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

2A2 Fiches technique(HTML) 3 Page - Honeywell Accelerometers

  2A2 Datasheet HTML 1Page - Honeywell Accelerometers 2A2 Datasheet HTML 2Page - Honeywell Accelerometers 2A2 Datasheet HTML 3Page - Honeywell Accelerometers 2A2 Datasheet HTML 4Page - Honeywell Accelerometers 2A2 Datasheet HTML 5Page - Honeywell Accelerometers 2A2 Datasheet HTML 6Page - Honeywell Accelerometers 2A2 Datasheet HTML 7Page - Honeywell Accelerometers 2A2 Datasheet HTML 8Page - Honeywell Accelerometers 2A2 Datasheet HTML 9Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Manual Switches
Series 2
Pushbutton Switches and Indicators
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
107
Flanges on long sides
FLANGE MOUNT MODULES
Flange mount assemblies are identical in
panel appearance. Operator-indicator
housings have spring clips for switch
modules attachment (not provided with
indicator housings).
Barriers are not required, since the panel
mounting clips are ready-attached to
flange sides of the housings. However,
spacing barriers can be used for color-
coding. They also aid in preventing inad-
vertent operation of two screens with one
push.
Mounting dimensions on page 114.
FLANGE MOUNT HOUSING ORDER GUIDE
See ‘‘Application Data’’ for typical bailing circuits for coil-equipped modules.
Tool Not Required
Flanges On:
No. of Lamp
Sockets
Operator-
Indicator
Indicator Only
Long Sides of
Housing
2 (A & C)
2C204
4 (A-D)
2C206
2F206
SPACING BARRIER ORDER GUIDE
For .06-31 in. (1,5-7,9 mm) thick panels.
Catalog Listings
Spacing Barrier
Type
Gray
Black
For Long Flange Housing
2B9
2B18



Html Pages

1 2 3 4 5 6 7 8 9 10 11