| Moteur de recherche de fiches techniques de composants électroniques |
|
2A2 Fiches technique(PDF) 1 Page - Honeywell Accelerometers |
|
|
|||||||||||||||||||||||||||||
2A2 Fiches technique(HTML) 1 Page - Honeywell Accelerometers |
|
1 / 11 page ![]() Manual Switches Series 2 Pushbutton Switches and Indicators Honeywell Sensing and Control 1-800-537-6945 USA 1-815-235-6847 International 1-800-737-3360 Canada 105 FEATURES Easy-to-assemble modules provide thousands of display/control combinations Up to 4 incandescent lamps 1, 2, 3, or 4-section display Transmitted or projected color Integral hold-in coil option provides remote released contacts. Pull-in coils (flange mount only) enable remote actuation Switch guard accessory. CHANGE LAMPS OR FILTERS FROM PANEL FRONT Without tool. Remove display screen/ lampholder assembly from 2C200 oper- ator-indicator (or 2F200 indicator). Unit is keyed to maintain proper orientation when replacing. Use only flange base T-13⁄4 lamps with 2C200 and 2F200 de- vices. LAMPS AND FILTERS Order lamps and filters for projected color from page 111. BARRIER MOUNT Display screen (page 115) Housing (next page) Mounting barrier (next page) Switch unit (page 114) Mounting barriers attach to either the long or short sides of the housing. They have spring clips which grip the panel. Mount- ing barriers also separate display screens to protect against inadvertent operation. Multiple units can be attached together in a strip and snapped into a panel slot; or they can be mounted individually. FLANGE MOUNT Display screen (page 115) Housing (page 113) Switch unit (page 114) Flange mount units have mounting clips ready-attached to the housing. They can be individually installed or replaced; and enable use of an overlay panel, if desired. Groupings can be separated by optional spacing barriers. MODULES ASSEMBLE EASILY All modules are ordered as separate items which snap together for easy as- sembly. |
Numéro de pièce similaire - 2A2 |
|
Description similaire - 2A2 |