Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2A2 Fiches technique(PDF) 2 Page - Honeywell Accelerometers

No de pièce 2A2
Description  Pushbutton Switches and Indicators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HONEYWELL-ACC [Honeywell Accelerometers]
Site Internet  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

2A2 Fiches technique(HTML) 2 Page - Honeywell Accelerometers

  2A2 Datasheet HTML 1Page - Honeywell Accelerometers 2A2 Datasheet HTML 2Page - Honeywell Accelerometers 2A2 Datasheet HTML 3Page - Honeywell Accelerometers 2A2 Datasheet HTML 4Page - Honeywell Accelerometers 2A2 Datasheet HTML 5Page - Honeywell Accelerometers 2A2 Datasheet HTML 6Page - Honeywell Accelerometers 2A2 Datasheet HTML 7Page - Honeywell Accelerometers 2A2 Datasheet HTML 8Page - Honeywell Accelerometers 2A2 Datasheet HTML 9Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Manual Switches
Series 2
Pushbuttons Switches and Indicators
106
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
Barriers on long sides
Barriers on short sides
BARRIER MOUNT MODULES
Barrier mount assemblies are identical in
panel appearance. Operator-indicator
housings have spring clips for attaching
switch modules. This feature is not pro-
vided with indicator housings.
Barriers are necessary for mounting.
They can be specified for attachment to
the long or short side of the housing, as
stated in the order guides.
BARRIER MOUNT HOUSING ORDER GUIDE
See ‘‘Application Data’’ for typical bailing circuits for coil-equipped modules.
Tool Not Required
Barriers
Attach On:
No. of
Lamp Sockets
Operator-Indicator
Indicator Only
Long Sides
of Housing
2 (A & C)
2C207
4 (A-D)
2C209
Short Sides
of Housing
2 (A & C)
2C201
4 (A-D)
2C203
2F203
MOUNTING BARRIER ORDER GUIDE
For strip mounting, specify one more barrier than the number of units in the group.
Catalog Listings
Mounting Barrier
For Panel
Type
Thickness
Gray
Black
Attach to
Long Sides
.06-.19 in. (1,52-4,83 mm)
2B2
2B4
Attach to
Short Sides
.06-.19 in. (1,52-4,83 mm)
2B1
2B3
Note: Panels .19 in. (1,52 mm) thick require the .06-.19 in. (1,52-4,83 mm) type barriers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11