Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VLF302515MT-R47N Fiches technique(PDF) 6 Page - TDK Electronics

No de pièce VLF302515MT-R47N
Description  Inductors for Power Circuits Wound Ferrite
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TDK [TDK Electronics]
Site Internet  http://www.tdk.com
Logo TDK - TDK Electronics

VLF302515MT-R47N Fiches technique(HTML) 6 Page - TDK Electronics

Back Button VLF302515MT-R47N Datasheet HTML 2Page - TDK Electronics VLF302515MT-R47N Datasheet HTML 3Page - TDK Electronics VLF302515MT-R47N Datasheet HTML 4Page - TDK Electronics VLF302515MT-R47N Datasheet HTML 5Page - TDK Electronics VLF302515MT-R47N Datasheet HTML 6Page - TDK Electronics VLF302515MT-R47N Datasheet HTML 7Page - TDK Electronics VLF302515MT-R47N Datasheet HTML 8Page - TDK Electronics VLF302515MT-R47N Datasheet HTML 9Page - TDK Electronics VLF302515MT-R47N Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
(6/53)
INDUC
T
O
RS
001-01 / 20130717 / inductor_commercial_power_vlf_en.fm
• All specifications are subject to change without notice.
VLF-M series 
VLF252010MT Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Rated current: smaller value of either Idc1 or Idc2.
Idc1: When based on the inductance change rate (30% below the nominal value)
Idc2: When based on the temperature increase (Temperature increase of 40°C by self heating)
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Measuring
frequency
(MHz)
DC resistance
(
: )
Rated current(A)
Part No.
max.
typ.
(μH)
Tolerance
max.
typ.
Idc1
Idc1
Idc2
0.47
±30%
1.0
0.029
0.024
1.84
2.04
3.35
VLF252010MT-R47N
0.68
±30%
1.0
0.043
0.036
1.53
1.70
2.70
VLF252010MT-R68N
1.0
±30%
1.0
0.059
0.049
1.27
1.41
2.25
VLF252010MT-1R0N
1.5
±30%
1.0
0.090
0.075
0.99
1.10
1.83
VLF252010MT-1R5N
2.2
±20%
1.0
0.12
0.10
0.83
0.92
1.47
VLF252010MT-2R2M
3.3
±20%
1.0
0.19
0.16
0.68
0.75
1.15
VLF252010MT-3R3M
4.7
±20%
1.0
0.30
0.25
0.57
0.64
0.95
VLF252010MT-4R7M
6.8
±20%
1.0
0.36
0.30
0.47
0.53
0.85
VLF252010MT-6R8M
10.0
±20%
1.0
0.59
0.49
0.39
0.44
0.66
VLF252010MT-100M
15.0
±20%
1.0
0.87
0.73
0.31
0.34
0.53
VLF252010MT-150M
22.0
±20%
1.0
1.26
1.05
0.26
0.29
0.45
VLF252010MT-220M
Measurement item
Product No.
Manufacturer
L
4294A
Agilent Technologies
DC resistance
VP-2941A
Panasonic
Rated current Idc1
4285A+42841A+42842C
Agilent Technologies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com