Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VLF302515MT-R47N Fiches technique(PDF) 34 Page - TDK Electronics

No de pièce VLF302515MT-R47N
Description  Inductors for Power Circuits Wound Ferrite
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TDK [TDK Electronics]
Site Internet  http://www.tdk.com
Logo TDK - TDK Electronics

VLF302515MT-R47N Fiches technique(HTML) 34 Page - TDK Electronics

Back Button VLF302515MT-R47N Datasheet HTML 30Page - TDK Electronics VLF302515MT-R47N Datasheet HTML 31Page - TDK Electronics VLF302515MT-R47N Datasheet HTML 32Page - TDK Electronics VLF302515MT-R47N Datasheet HTML 33Page - TDK Electronics VLF302515MT-R47N Datasheet HTML 34Page - TDK Electronics VLF302515MT-R47N Datasheet HTML 35Page - TDK Electronics VLF302515MT-R47N Datasheet HTML 36Page - TDK Electronics VLF302515MT-R47N Datasheet HTML 37Page - TDK Electronics VLF302515MT-R47N Datasheet HTML 38Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
(34/53)
INDUC
T
O
RS
001-01 / 20130717 / inductor_commercial_power_vlf_en.fm
• All specifications are subject to change without notice.
VLF-M series 
VLF403212MT Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Rated current: smaller value of either Idc1 or Idc2.
Idc1: When based on the inductance change rate (30% below the nominal value)
Idc2: When based on the temperature increase (Temperature increase of 40°C by self heating)
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Measuring
frequency
(MHz)
DC resistance
(
: )
Rated
current(A)
Part No.
max.
typ.
(μH)
tolerance
max.
typ.
Idc1
Idc1
Idc2
1.0
±30%
1.0
0.031
0.026
3.00
3.33
3.62
VLF403212MT-1R0N
1.5
±30%
1.0
0.050
0.042
2.41
2.68
2.98
VLF403212MT-1R5N
2.2
±20%
1.0
0.065
0.054
2.05
2.28
2.48
VLF403212MT-2R2M
3.3
±20%
1.0
0.091
0.076
1.65
1.83
1.91
VLF403212MT-3R3M
4.7
±20%
1.0
0.12
0.096
1.40
1.56
1.85
VLF403212MT-4R7M
6.8
±20%
1.0
0.18
0.15
1.09
1.22
1.33
VLF403212MT-6R8M
10.0
±20%
1.0
0.28
0.23
0.90
1.00
1.07
VLF403212MT-100M
15.0
±20%
1.0
0.42
0.35
0.74
0.82
0.87
VLF403212MT-150M
22.0
±20%
1.0
0.71
0.59
0.54
0.60
0.67
VLF403212MT-220M
Measurement item
Product No.
Manufacturer
L
4294A
Agilent Technologies
DC resistance
VP-2941A
Panasonic
Rated current Idc1
4285A+42841A+42842C
Agilent Technologies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com