Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VLF302515MT-R47N Fiches technique(PDF) 46 Page - TDK Electronics

No de pièce VLF302515MT-R47N
Description  Inductors for Power Circuits Wound Ferrite
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TDK [TDK Electronics]
Site Internet  http://www.tdk.com
Logo TDK - TDK Electronics

VLF302515MT-R47N Fiches technique(HTML) 46 Page - TDK Electronics

Back Button VLF302515MT-R47N Datasheet HTML 42Page - TDK Electronics VLF302515MT-R47N Datasheet HTML 43Page - TDK Electronics VLF302515MT-R47N Datasheet HTML 44Page - TDK Electronics VLF302515MT-R47N Datasheet HTML 45Page - TDK Electronics VLF302515MT-R47N Datasheet HTML 46Page - TDK Electronics VLF302515MT-R47N Datasheet HTML 47Page - TDK Electronics VLF302515MT-R47N Datasheet HTML 48Page - TDK Electronics VLF302515MT-R47N Datasheet HTML 49Page - TDK Electronics VLF302515MT-R47N Datasheet HTML 50Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 53 page
background image
(46/53)
INDUC
T
O
RS
001-01 / 20130717 / inductor_commercial_power_vlf_en.fm
• All specifications are subject to change without notice.
VLF-M series 
VLF504012MT Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Rated current: smaller value of either Idc1 or Idc2.
Idc1: When based on the inductance change rate (30% below the nominal value)
Idc2: When based on the temperature increase (Temperature increase of 40°C by self heating)
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Measuring
frequency
(MHz)
DC resistance
(
: )
Rated current(A)
Part No.
max.
typ.
(μH)
Tolerance
max.
typ.
Idc1
Idc1
Idc2
1.0
±30%
1.0
0.038
0.032
3.67
4.08
3.19
VLF504012MT-1R0N
1.5
±30%
1.0
0.048
0.040
3.02
3.36
2.91
VLF504012MT-1R5N
2.2
±20%
1.0
0.055
0.046
2.54
2.82
2.71
VLF504012MT-2R2M
3.3
±20%
1.0
0.074
0.062
2.13
2.37
2.47
VLF504012MT-3R3M
4.7
±20%
1.0
0.12
0.10
1.75
1.94
1.83
VLF504012MT-4R7M
6.8
±20%
1.0
0.17
0.14
1.48
1.64
1.77
VLF504012MT-6R8M
10.0
±20%
1.0
0.23
0.19
1.18
1.32
1.30
VLF504012MT-100M
15.0
±20%
1.0
0.32
0.27
1.01
1.12
1.08
VLF504012MT-150M
22.0
±20%
1.0
0.58
0.48
0.80
0.89
0.84
VLF504012MT-220M
Measurement item
Product No.
Manufacturer
L
4294A
Agilent Technologies
DC resistance
VP-2941A
Panasonic
Rated current Idc1
4285A+42841A+42842C
Agilent Technologies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com