| Moteur de recherche de fiches techniques de composants électroniques |
|
31270 Fiches technique(PDF) 5 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
31270 Fiches technique(HTML) 5 Page - Tyco Electronics |
|
5 / 60 page ![]() Nominal Strands Approximate CMA Wire Size No. Diameter Conductor Diameter AWG mm2 Inch mm Inch mm SOLISTRAND, Budget and DIAMOND GRIP Uninsulated Terminals and Splices Catalog 65505 Revised 9-00 Table listing: Circular Mil Area for common wire sizes (Continued) For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752. Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents. Specifications subject to change. Consult AMP for latest specifications. 5 Wire Sizes in AWG and mm2 to CMA Note: The following tables are applicable to single and multiple strand, round, conductors only. 1617 18 0.819 7 0.0152 0.386 0.042 1.067 1624 18 0.823 1 0.0403 1.024 0.04 1.016 1625 18 0.823 65 0.005 0.127 0.04 1.016 1627 18 0.824 41 0.0063 .0160 0.049 1.245 1639 18 0.830 7 0.0153 0.389 0.042 1.067 1770 18 0.897 7 0.0159 0.404 0.048 1.219 1900 18 0.963 19 0.01 0.254 0.052 1.321 1980 17 1.003 1 0.0445 1.130 0.045 1.143 1999 17 1.013 7 0.0169 0.429 0.047 1.194 2048 17 1.038 32 0.008 0.203 0.047 1.194 2048 17 1.038 512 0.002 0.051 0.049 1.245 2052 17 1.040 1 0.0453 1.151 0.045 1.143 2426 16 1.229 19 0.0113 0.287 0.061 1.549 2521 16 1.277 50 0.0071 0.180 0.059 1.499 2540 16 1.287 16 0.0126 0.320 0.059 1.499 2580 16 1.307 65 0.0063 0.160 0.059 1.499 2581 16 1.308 1 0.0508 1.290 0.051 1.295 2600 16 1.317 26 0.01 0.254 0.061 1.549 2625 16 1.330 105 0.005 0.127 0.059 1.499 2800 16 1.419 7 0.02 0.508 0.061 1.549 2942 15.5 1.491 7 0.0205 0.521 0.059 1.499 2948 15.5 1.494 1 0.0543 1.379 0.054 1.372 3000 15.5 1.520 30 0.01 0.254 0.059 1.499 3073 15.5 1.557 392 0.0028 0.071 0.061 1.549 3260 15 1.652 1 0.0571 1.450 0.057 1.448 3831 14 1.941 19 0.0142 0.361 0.076 1.930 3899 14 1.976 7 0.0236 0.599 0.071 1.803 4079 14 2.067 37 0.0105 0.267 0.073 1.854 4099 14 2.077 7 0.0242 0.615 0.076 1.930 4100 14 2.077 41 0.01 0.254 0.077 1.956 4106 14 2.081 19 0.0147 0.373 0.076 1.930 4109 14 2.082 1 0.0641 1.628 0.064 1.626 4128 14 2.092 26 0.0126 0.320 0.075 1.905 4167 14 2.111 105 0.0063 0.160 0.073 1.854 4234 14 2.145 84 0.0071 0.180 0.074 1.880 4802 13.5 2.433 50 0.0098 0.249 0.087 2.210 4842 13.5 2.453 7 0.0263 0.668 0.079 2.007 4914 13.5 2.490 1 0.0701 1.781 0.07 1.778 5184 13 2.627 1 0.072 1.829 0.072 1.829 6088 12 3.085 19 0.0179 0.455 0.096 2.438 6343 12 3.214 165 0.0062 0.157 0.095 2.413 6475 12 3.281 259 0.005 0.127 0.105 2.667 6500 12 3.294 65 0.01 0.254 0.096 2.438 6503 12 3.295 19 0.0185 0.470 0.092 2.337 6509 12 3.298 41 0.0126 0.320 0.094 2.388 6512 12 3.300 7 0.0305 0.775 0.086 2.184 6529 12 3.308 1 0.0808 2.052 0.081 2.057 6545 12 3.316 37 0.0133 0.338 0.093 2.362 6654 12 3.372 84 0.0089 0.226 0.094 2.388 6946 11.5 3.520 7 0.0315 0.800 0.094 2.388 7856 11.5 3.981 7 0.0335 0.851 0.1 2.540 7985 11.5 4.046 19 0.0205 0.521 0.101 2.565 8064 11.5 4.086 56 0.012 0.305 0.102 2.591 8226 11 4.168 1 0.0907 2.304 0.091 2.311 9072 10 4.597 7 0.036 0.914 0.096 2.438 9472 10 4.799 37 0.016 0.406 0.109 2.769 10080 10 5.108 1 0.1004 2.550 0.1 2.540 10319 10 5.229 37 0.0167 0.424 0.109 2.769 10319 10 5.229 65 0.0126 0.320 0.118 2.997 10365 10 5.252 41 0.0159 0.404 0.122 3.099 10376 10 5.258 7 0.0385 0.978 0.096 2.438 10384 10 5.262 1 0.1019 2.588 0.102 2.591 10404 10 5.272 19 0.0234 0.594 0.117 2.972 10500 10 5.320 105 0.01 0.254 0.116 2.946 10867 10 5.506 7 0.0394 1.001 0.118 2.997 11696 10 5.926 84 0.0118 0.300 0.13 3.302 11710 10 5.933 7 0.0409 1.039 0.128 3.251 11816 10 5.987 1 0.1087 2.761 0.109 2.769 12066 10 6.114 19 0.0252 0.640 0.126 3.200 13087 9 6.5 1 0.1144 2.91 0.114 2.90 13125 9 7 525 .0050 0.13 0.140 3.56 14175 8 7 7 .0450 1.14 0.146 3.71 14368 8 7.5 19 .0275 0.70 0.145 3.68 15595 8 8 7 .0472 1.20 0.142 3.60 15665 8 8 50 .0177 0.45 0.146 3.70 |